Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7293C3M6 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST7293C3M6
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7293C3M6 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST7293C3M6 Datasheet HTML 9Page - STMicroelectronics ST7293C3M6 Datasheet HTML 10Page - STMicroelectronics ST7293C3M6 Datasheet HTML 11Page - STMicroelectronics ST7293C3M6 Datasheet HTML 12Page - STMicroelectronics ST7293C3M6 Datasheet HTML 13Page - STMicroelectronics ST7293C3M6 Datasheet HTML 14Page - STMicroelectronics ST7293C3M6 Datasheet HTML 15Page - STMicroelectronics ST7293C3M6 Datasheet HTML 16Page - STMicroelectronics ST7293C3M6 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
13/69
ST7294
RESET (Continued)
Table 4. Actions caused by RESET, Power-on Reset (POR), WAIT and HALT
Note 1: As can be seen in Table 4 above, WAIT mode only disables the CPU clock and not the Timer clock.
Figure 10. External Reset Timing Diagram
ACTION
RESET
POR
WAIT
HALT
Timer Prescaler reset to 0
X
X
-
-
Timer Counter set to FFFCh
X
X
-
-
All Timer enable bits reset to 0 (disabled)
X
X
-
-
Data Direction Registers reset to 0 (i.e. all I/O bits set as inputs)
X
X
-
-
Stack Pointer set to 00FFh
X
X
-
-
Internal Address Bus forced to Restart Vector
X
X
-
-
Interrupt Mask Bit (I-Bit, CCR) set to 1 (Interrupt disabled)
X
X
-
-
Interrupt Mask Bit (I-Bit, CCR) reset to 0 (Interrupt enabled)
-
-
X
X
HALT Latch reset
X
X
-
-
INT Latch reset
X
X
-
-
WAIT Latch reset
X
X
-
-
CPU Clock disabled (for 4096 clock cycles)
-
X
-
X
CPU Clock disabled(1)
-X
X
X
Timer Clock disabled(1)
-X
-
X
SM bit cleared
X
X
-
X
Watchdog Counter Rest
X
X
-
X
Watchdog WDOG bit reset
X
X
-
X
EEPROM control bits reset
X
X
-
-
3FFEh
3FFF
t
RL
NEW PC
V
DD
CPU CLOCK
PC
CPU RESET
RESET
0V
OSC
VR02046B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com