Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7293C3M6 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST7293C3M6
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7293C3M6 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST7293C3M6 Datasheet HTML 16Page - STMicroelectronics ST7293C3M6 Datasheet HTML 17Page - STMicroelectronics ST7293C3M6 Datasheet HTML 18Page - STMicroelectronics ST7293C3M6 Datasheet HTML 19Page - STMicroelectronics ST7293C3M6 Datasheet HTML 20Page - STMicroelectronics ST7293C3M6 Datasheet HTML 21Page - STMicroelectronics ST7293C3M6 Datasheet HTML 22Page - STMicroelectronics ST7293C3M6 Datasheet HTML 23Page - STMicroelectronics ST7293C3M6 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 69 page
background image
20/69
ST7294
LOW POWER MODES (Continued)
3.6.1 HALT Mode
The HALT Power Saving mode is the lowest pow-
er consumption mode. The HALT mode is entered
by executing the HALT instruction. The internal
oscillator is then turned off, causing all internal
processing to be stopped, including the operation
of the on-chip peripherals.
When entering the HALT mode, the I bit in the
Condition Code Register is cleared. Interrupts are
thus enabled and, on receiving an interrupt, the
MCU will be restarted and will run at its nominal
speed (see Section 3.1 CLOCK SYSTEM). All oth-
er registers and memory remain unaltered and all
I/O lines remain unchanged.
The MCU can exit the HALT mode upon reception
of either an external interrupt, a PORT B derived
interrupt, or a power-on or external reset. The os-
cillator is then enabled and a stabilization delay is
initiated before enabling CPU operation. The sta-
bilization time period is equivalent to 4096 CPU
clock cycles.
After the start-up delay, the CPU then proceeds to
service the interrupt which has woken it up by
fetching the relevant Interrupt Vector.
3.6.2 WAIT Mode
This mode is a Power Saving mode, but the power
consumption is higher than in the HALT mode.
The WFI instruction places the MCU in the WAIT
mode; in this mode, the internal clock remains ac-
tive but all CPU processing is stopped.
While in the WAIT mode, the I bit in the Condition
Code register is cleared in order to enable all inter-
rupts. All other registers and memory remain unal-
tered and all parallel I/O lines remain unchanged.
An interrupt or a reset causes the MCU to exit the
WAIT mode. An interrupt while the MCU is in this
mode causes the corresponding interrupt vector to
be fetched, the interrupt routine to be executed
and normal processing to resume. A reset causes
the program counter to fetch the reset vector and
processing starts as for a normal reset.
3.6.3 DATA RETENTION Mode
The RAM contents and the CPU registers are re-
tained even with supply voltages as low as 2.0V.
This is referred to as the Data Retention mode. In
this mode Data is protected but the device is not
guaranteed to operate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com