Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7293C3M6 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST7293C3M6
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7293C3M6 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST7293C3M6 Datasheet HTML 17Page - STMicroelectronics ST7293C3M6 Datasheet HTML 18Page - STMicroelectronics ST7293C3M6 Datasheet HTML 19Page - STMicroelectronics ST7293C3M6 Datasheet HTML 20Page - STMicroelectronics ST7293C3M6 Datasheet HTML 21Page - STMicroelectronics ST7293C3M6 Datasheet HTML 22Page - STMicroelectronics ST7293C3M6 Datasheet HTML 23Page - STMicroelectronics ST7293C3M6 Datasheet HTML 24Page - STMicroelectronics ST7293C3M6 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
21/69
ST7294
4 ON-CHIP PERIPHERALS
4.1 EEPROM
4.1.1 Introduction
The ST7294 MCU includes a 256 byte EEPROM
memory for temporary data storage.
4.1.2 Functional Description
An internal charge pump avoids the need for an
external high voltage supply for the EEPROM
erasure and programming functions.
8 data registers allow simultaneous write or erase
of 1 to 8 bytes in the EEPROM array.
As shown on Figure 16, the EEPROM is organ-
ised as an array composed of 8 columns by 32
rows. Rows are selected by bits A7, A6, A5, A4,
A3, while columns are associated with the bits in
an 8-bit data register.
4.1.3 Read Operation (E2LAT=0).
The EEPROM can be read just as a normal ROM
when the E2LAT bit of the Control Register is low.
When E2LAT is low, the E2PGM and E2ERA bits
are also forced low.
4.1.4 Erase/Write Operation (E2LAT=1)
When E2LAT is set to 1, a write to an EEPROM lo-
cation latches the data in the 8-bit register corre-
sponding to the decoded column and marks the
decoded row.
As there are 8 columns in each row, up to 8 loca-
tions (having the same A7, A6, A5, A4, A3 ad-
dress bits) may be written or erased simultane-
ously.
To erase bytes: set the E2LAT and E2ERA bits,
write to the EEPROM addresses to be erased (da-
ta value is not significant), and then set the
E2PGM bit to turn the charge pump on.
To write bytes: set the E2LAT bit, write the data in
the appropriate EEPROM addresses, and then set
the E2PGM bit to turn the charge pump on.
Figure 16. EEPROM Block Diagram
HIGH VOLTAGE PUMP
ADDRESS
DECODER
LATCH
AMPLI
8 COLUMNS
VR001106
NU
NU
RESERVED
E2PGM
E2ERA
EEPROM CONTROL REGISTER
E2LAT
EEPROM
MEMORY
ARRAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com