Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA159 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA159
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA159 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA159 Datasheet HTML 9Page - Texas Instruments INA159 Datasheet HTML 10Page - Texas Instruments INA159 Datasheet HTML 11Page - Texas Instruments INA159 Datasheet HTML 12Page - Texas Instruments INA159 Datasheet HTML 13Page - Texas Instruments INA159 Datasheet HTML 14Page - Texas Instruments INA159 Datasheet HTML 15Page - Texas Instruments INA159 Datasheet HTML 16Page - Texas Instruments INA159 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, VICM = VOCM = midsupply, VCLAMP+ = VS+, VCLAMP– = VS–, G = GIN = GOUT = 1 V/V, and RL = 10 kΩ
(unless otherwise noted)
N = 107
Mean = –2.34 nA
Std. Dev. = 0.78 nA
TA = 25°C
Figure 7-7. Typical Distribution of Input Bias Current
Input Bias Current (nA)
0
10
20
30
-18
-14
-10
-6
-2 0
2
6
10
14
18
N = 107
Mean = –2.2 nA
Std. Dev. = 0.75 nA
TA = 90°C
Figure 7-8. Typical Distribution of Input Bias Current
Common-Mode Rejection Ratio ( V/V)
0
5
10
15
20
-50
-40
-30
-20
-10
0
10
20
30
40
50
N = 150
Mean = –4.78 µV/V
Std. Dev. = 8.67 µV/V
G = 1 V/V
Figure 7-9. Typical CMRR Distribution at G = 1 V/V
N = 300
Mean = –0.62 µV/V
Std. Dev. = 1.03 µV/V
G = 10 V/V
Figure 7-10. Typical CMRR Distribution at G = 10 V/V
N = 293
Mean = –0.017%
Std. Dev. = 0.005%
Figure 7-11. Typical Gain Error Distribution at G = 0.2 V/V
Gain Error (%)
0
20
40
60
-0.02
-0.01
0
0.01
0.02
N = 293
Mean = –0.0037%
Std. Dev. = 0.0011%
G = 1 V/V
Figure 7-12. Typical Gain Error Distribution at G = 1 V/V
www.ti.com
INA851
SBOS999A – MARCH 2022 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com