Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA159 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA159
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA159 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA159 Datasheet HTML 13Page - Texas Instruments INA159 Datasheet HTML 14Page - Texas Instruments INA159 Datasheet HTML 15Page - Texas Instruments INA159 Datasheet HTML 16Page - Texas Instruments INA159 Datasheet HTML 17Page - Texas Instruments INA159 Datasheet HTML 18Page - Texas Instruments INA159 Datasheet HTML 19Page - Texas Instruments INA159 Datasheet HTML 20Page - Texas Instruments INA159 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, VICM = VOCM = midsupply, VCLAMP+ = VS+, VCLAMP– = VS–, G = GIN = GOUT = 1 V/V, and RL = 10 kΩ
(unless otherwise noted)
Input Common Mode Voltage (V)
-15
-12
-9
-6
-3
0
3
6
9
12
15
-3
-2.5
-2
-1.5
-1
-0.5
0
-40 C
25 C
85 C
125 C
CM Range
Figure 7-31. Negative Input Bias Current vs
Common
‑Mode Voltage
Figure 7-32. Gain Error vs Temperature
Temperature ( C)
-60
-40
-20
0
20
40
60
80
100 120 140 160
4
5
6
7
8
9
10
VS =
15 V
VS =
4 V
Figure 7-33. Quiescent Current vs Temperature
Output Voltage (V)
-12 -10
-8
-6
-4
-2
0
2
4
6
8
10
12
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
G = 1
Figure 7-34. Gain Nonlinearity, G = 1
Output Voltage (V)
-12 -10
-8
-6
-4
-2
0
2
4
6
8
10
12
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
G = 10
Figure 7-35. Gain Nonlinearity, G = 10
Input Common-Mode Voltage (V)
-14
-13.5
-13
-12.5
-12
-11.5
-11
-400
-350
-300
-250
-200
-150
-100
-50
0
50
100
150
200
-40 C
-20 C
25 C
60 C
85 C
125 C
CM Range
Figure 7-36. Offset Voltage vs Negative Common-Mode Voltage
www.ti.com
INA851
SBOS999A – MARCH 2022 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com