Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA159 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # INA159
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA159 Datasheet(HTML) 29 Page - Texas Instruments

Back Button INA159 Datasheet HTML 25Page - Texas Instruments INA159 Datasheet HTML 26Page - Texas Instruments INA159 Datasheet HTML 27Page - Texas Instruments INA159 Datasheet HTML 28Page - Texas Instruments INA159 Datasheet HTML 29Page - Texas Instruments INA159 Datasheet HTML 30Page - Texas Instruments INA159 Datasheet HTML 31Page - Texas Instruments INA159 Datasheet HTML 32Page - Texas Instruments INA159 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
Output Current (mA)
0
5
10
15
20
25
-1
0
1
2
3
4
5
6
-40 C
25 C
85 C
125 C
VClamp+/-
Figure 8-13. Output Voltage With Output Clamping Enabled
The VCLAMP+ pin features a fail-safe against power-up sequencing issues between the INA851 and a
downstream device. For example, a condition of V(CLAMP+) + 10 V on this pin does not cause damage.
Therefore, the ADC supply can safely turn on while the INA851 supply is still off or just beginning to turn
on. In this case, the current draw through the VCLAMP+ pin is limited to a safe value of typically 3 mA.
8.3.6 Low Noise
An output noise calculation helps design a low-noise circuit to drive high-precision ADC applications and
optimize the signal-to-noise ratio (SNR).
Figure 8-14 shows a simplified noise model for the INA851. The eNO noise refers to the input resistor network of
the FDA. This term incorporates the thermal noise of the internal feedback resistors, and the interaction of the
internal current noise density of the output stage with the internal feedback resistors.
GIN
GOUT
eNI
In
eNO(GOUT = 1 or GOUT = 0.2)
eN(RTO)
eN(RTI)
+
+
+
Figure 8-14. Simplified Noise Model for the INA851
The internal feedback resistor network is considered in the eNO specification; therefore, the calculation of the
total input-referred noise, eN(RTI), is simplified to the following equation:
eNRTI = eNI2+ eNOGOUT=1 or GOUT=0.2
GIN
2
(4)
The total output-referred noise, eN(RTO), multiplies directly by the output stage gain, GOUT, by GOUT = 0.2 V/V or
GOUT = 1 V/V respectively, as shown in the following equation:
eNRTO = eNI×GIN×0.2 V/V or 1 V/V2+ eNOGOUT=1 or GOUT=0.2 ×0.2 V/V or 1 V/V2
(5)
8.4 Device Functional Modes
The INA851 has a single functional mode and operates when the power-supply voltage is greater than 8 V
(±4 V). The maximum power-supply voltage for the INA851 is 36 V (±18 V).
www.ti.com
INA851
SBOS999A – MARCH 2022 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com