Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF12NK80Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF12NK80Z
Description  N-channel 800 V, 0.65Ω typ., 10.5 A Zener-protected SuperMESH™ Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF12NK80Z Datasheet(HTML) 1 Page - STMicroelectronics

  STF12NK80Z Datasheet HTML 1Page - STMicroelectronics STF12NK80Z Datasheet HTML 2Page - STMicroelectronics STF12NK80Z Datasheet HTML 3Page - STMicroelectronics STF12NK80Z Datasheet HTML 4Page - STMicroelectronics STF12NK80Z Datasheet HTML 5Page - STMicroelectronics STF12NK80Z Datasheet HTML 6Page - STMicroelectronics STF12NK80Z Datasheet HTML 7Page - STMicroelectronics STF12NK80Z Datasheet HTML 8Page - STMicroelectronics STF12NK80Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
This is information on a product in full production.
August 2012
Doc ID 9567 Rev 7
1/22
22
STB12NK80Z, STF12NK80Z,
STP12NK80Z, STW12NK80Z
N-channel 800 V, 0.65
Ωtyp., 10.5 A Zener-protected SuperMESH™
Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
Datasheet — production data
Features
■ Extremely high dv/dt capability
■ Improved esd capability
■ 100% avalanche tested
■ Gate charge minimized
■ Very low intrinsic capacitances
■ Very good manufacturing reliability
Applications
■ Switching applications
Description
These devices are N-channel Zener-protected
Power MOSFETs developed using
STMicroelectronics' SuperMESH™ technology,
achieved through optimization of ST's well
established strip-based PowerMESH™ layout. In
addition to a significant reduction in on-
resistance, this device is designed to ensure a
high level of dv/dt capability for the most
demanding applications.
Figure 1.
Internal schematic diagram
Type
VDSS
(@Tjmax)
RDS(on)
ID
PW
STB12NK80Z
800V
<0.75
Ω 10.5 A 190W
STF12NK80Z
800V
<0.75
Ω 10.5 A 40W
STP12NK80Z
800V
<0.75
Ω 10.5 A 190W
STW12NK80Z
800V
<0.75
Ω 10.5 A 190W
TO-220
TO-247
D2PAK
1
3
TAB
1
2
3
TAB
1
2
3
TO-220FP
D(2,TAB)
G(1)
S(3)
AM01476v1
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB12NK80Z
12NK80Z
D2PAK
Tape and reel
STF12NK80Z
12NK80Z
TO-220FP
Tube
STP12NK80Z
12NK80Z
TO-220
Tube
STW12NK80Z
12NK80Z
TO-247
Tube
www.st.com


Similar Part No. - STF12NK80Z

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF12NK80Z ISC-STF12NK80Z Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF12NK80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP6NK90Z STMICROELECTRONICS-STP6NK90Z_07 Datasheet
483Kb / 18P
N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
10-Apr-2007
STB10NK60Z STMICROELECTRONICS-STB10NK60Z_08 Datasheet
860Kb / 19P
N-channel 650 V, 0.65 廓, 10 A, SuperMESH??Power MOSFET Zener-protected I2PAK, D2PAK, TO-220, TO-220FP, TO-247
17-Nov-2008
STB13NK60ZT4 STMICROELECTRONICS-STB13NK60ZT4 Datasheet
497Kb / 18P
N-channel 600 V, 0.48 Ω, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH??Power MOSFET
15-Apr-2009
STP7NK80Z STMICROELECTRONICS-STP7NK80Z_10 Datasheet
943Kb / 17P
N-channel 800 V, 1.5 Ω, 5.2 A, TO-220,TO-220FP,D2PAK,I2PAK Zener-protected SuperMESH™Power MOSFET
28-Mar-2010
STB20NK50Z STMICROELECTRONICS-STB20NK50Z_09 Datasheet
613Kb / 18P
N-channel 500 V, 0.23 Ω, 17 A SuperMESH™Power MOSFET Zener-protected TO-220, TO-247, TO-220FP, D2PAK
26-Nov-2009
STB9NK90Z STMICROELECTRONICS-STB9NK90Z_10 Datasheet
997Kb / 17P
N-channel 900 V, 1.1 Ω, 8 A, TO-220, TO-220FP, D2PAK, TO-247 Zener-protected SuperMESH™Power MOSFET
19-May-2010
STF6N95K5 STMICROELECTRONICS-STF6N95K5 Datasheet
1Mb / 23P
N-channel 950 V, 1 Ω typ., 9 A Zener-protected SuperMESH™5 Power MOSFET in DPAK, TO-220FP, TO-220, TO-247 and IPAK
31-Aug-2012
STP21N90K5 STMICROELECTRONICS-STP21N90K5 Datasheet
998Kb / 22P
N-channel 900 V, 0.25 廓 typ., 18.5 A Zener-protected SuperMESH??5 Power MOSFET in a D2PAK, TO-220FP, TO-220 and TO-247 packages
12-Oct-2012
STP13NK60ZT4 STMICROELECTRONICS-STP13NK60ZT4 Datasheet
495Kb / 18P
N-channel 600 V, 0.48, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH Power MOSFET
15-Apr-2009
STP10NK80Z STMICROELECTRONICS-STP10NK80Z_V01 Datasheet
444Kb / 17P
N-channel 800 V, 0.78 Ω, 9 A Zener-protected SuperMESH™ Power MOSFETs in TO-220, TO-220FP and TO-247 packages
15-Mar-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com