Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF12NK80Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STF12NK80Z
Description  N-channel 800 V, 0.65Ω typ., 10.5 A Zener-protected SuperMESH™ Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF12NK80Z Datasheet(HTML) 3 Page - STMicroelectronics

  STF12NK80Z Datasheet HTML 1Page - STMicroelectronics STF12NK80Z Datasheet HTML 2Page - STMicroelectronics STF12NK80Z Datasheet HTML 3Page - STMicroelectronics STF12NK80Z Datasheet HTML 4Page - STMicroelectronics STF12NK80Z Datasheet HTML 5Page - STMicroelectronics STF12NK80Z Datasheet HTML 6Page - STMicroelectronics STF12NK80Z Datasheet HTML 7Page - STMicroelectronics STF12NK80Z Datasheet HTML 8Page - STMicroelectronics STF12NK80Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
STB12NK80Z, STF12NK80Z, STP12NK80Z, STW12NK80Z
Electrical ratings
Doc ID 9567 Rev 7
3/22
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
D2PAK
TO-220
TO-247
TO-220FP
VDS
Drain-source voltage (VGS = 0)
800
V
VDGR
Drain-gate voltage (RGS = 20KΩ)
800
V
VGS
Gate-source voltage
± 30V
ID
Drain current (continuous) at TC = 25°C
10.5
10.5(1)
1.
Limited by maximum junction temperature.
A
ID
Drain current (continuous) at TC=100°C
6.6
6.6(1)
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
42
42(1)
A
PTOT
Total dissipation at TC = 25°C
190
40
W
Derating factor
1.52
0.32W/°C
Vesd(G-S)
G-S ESD (HBM C= 100pF, R= 1.5k
Ω)4
kV
VISO
Insulation withstand voltage (DC)
--
2500
V
dv/dt(3)
3.ISD ≤10.5 A, di/dt ≤200A/µs, VDD ≤V(BR)DSS, Tj ≤TJMAX
Peak diode recovery voltage slope
4.5
V
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
TO-220/
D²PAK
TO-220FP
TO-247
Rthj-case
Thermal resistance junction-case max
0.66
3.1
0.66
°C/W
Rthj-a
Thermal resistance junction-ambient max
62.5
50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com