Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF12NK80Z Datasheet(PDF) 10 Page - STMicroelectronics

Part # STF12NK80Z
Description  N-channel 800 V, 0.65Ω typ., 10.5 A Zener-protected SuperMESH™ Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF12NK80Z Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STF12NK80Z Datasheet HTML 6Page - STMicroelectronics STF12NK80Z Datasheet HTML 7Page - STMicroelectronics STF12NK80Z Datasheet HTML 8Page - STMicroelectronics STF12NK80Z Datasheet HTML 9Page - STMicroelectronics STF12NK80Z Datasheet HTML 10Page - STMicroelectronics STF12NK80Z Datasheet HTML 11Page - STMicroelectronics STF12NK80Z Datasheet HTML 12Page - STMicroelectronics STF12NK80Z Datasheet HTML 13Page - STMicroelectronics STF12NK80Z Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Test circuits
STB12NK80Z, STF12NK80Z, STP12NK80Z, STW12NK80Z
10/22
Doc ID 9567 Rev 7
3
Test circuits
Figure 19. Switching times test circuit for
resistive load
Figure 20. Gate charge test circuit
Figure 21. Test circuit for inductive load
switching and diode recovery times
Figure 22. Unclamped Inductive load test
circuit
Figure 23. Unclamped inductive waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com