Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8745B Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8745B
Description  1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8745B Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8745B Datasheet HTML 1Page - Integrated Circuit Systems ICS8745B Datasheet HTML 2Page - Integrated Circuit Systems ICS8745B Datasheet HTML 3Page - Integrated Circuit Systems ICS8745B Datasheet HTML 4Page - Integrated Circuit Systems ICS8745B Datasheet HTML 5Page - Integrated Circuit Systems ICS8745B Datasheet HTML 6Page - Integrated Circuit Systems ICS8745B Datasheet HTML 7Page - Integrated Circuit Systems ICS8745B Datasheet HTML 8Page - Integrated Circuit Systems ICS8745B Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
8745BY
www.icst.com/products/hiperclocks.html
REV. B DECEMBER 2, 2004
1
Integrated
Circuit
Systems, Inc.
ICS8745B
1:5 DIFFERENTIAL-TO-LVDS
ZERO DELAY CLOCK GENERATOR
GENERAL DESCRIPTION
The ICS8745B is a highly versatile 1:5 LVDS Clock
Generator and a member of the HiPerClockS™
family of High Performance Clock Solutions from
ICS. The ICS8745B has a fully integrated PLL
and can be configured as zero delay buffer, multi-
plier or divider, and has an output frequency range of 31.25MHz
to 700MHz. The Reference Divider, Feedback Divider and
Output Divider are each programmable, thereby allowing for
the following output-to-input frequency ratios: 8:1, 4:1, 2:1, 1:1,
1:2, 1:4, 1:8.The external feedback allows the device to achieve
“zero delay” between the input clock and the output clocks.
The PLL_SEL pin can be used to bypass the PLL for system
test and debug purposes. In bypass mode, the reference clock
is routed around the PLL and into the internal output dividers.
FEATURES
• 5 differential LVDS outputs designed to meet
or exceed the requirements of ANSI TIA/EIA-644
• Selectable differential clock inputs
• CLKx, nCLKx pairs can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• Output frequency range: 31.25MHz to 700MHz
• Input frequency range: 31.25MHz to 700MHz
• VCO range: 250MHz to 700MHz
• External feedback for “zero delay” clock regeneration
with configurable frequencies
• Programmable dividers allow for the following output-to-input
frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2, 1:4, 1:8
• Cycle-to-cycle jitter: 30ps (maximum)
• Output skew: 35ps (maximum)
• Static phase offset: 25ps ± 125ps
• 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
• Lead-Free package fully RoHS compliant
HiPerClockS™
ICS
BLOCK DIAGRAM
PIN ASSIGNMENT
32-Lead LQFP
7mm x 7mm x 1.4mm package body
Y Package
Top View
32 31 30 29 28 27 26 25
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
Q3
nQ3
VDDO
Q2
nQ2
GND
Q1
nQ1
SEL0
SEL1
CLK0
nCLK0
CLK1
nCLK1
CLK_SEL
MR
ICS8745B
PLL_SEL
CLK0
nCLK0
CLK1
nCLK1
CLK_SEL
FB_IN
nFB_IN
SEL0
SEL1
SEL2
SEL3
MR
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
0
1
PLL
8:1, 4:1, 2:1, 1:1,
1:2, 1:4, 1:8
0
1
÷1, ÷2, ÷4, ÷8,
÷16, ÷32
, ÷64


Similar Part No. - ICS8745B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8745BI IDT-ICS8745BI Datasheet
814Kb / 20P
1:5 Differential-to-LVDS Zero Delay Clock Generator
logo
Renesas Technology Corp
ICS8745BI RENESAS-ICS8745BI Datasheet
880Kb / 21P
1:5 Differential-to-LVDS Zero Delay Clock Generator
2019
logo
Integrated Device Techn...
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
Output frequency range
ICS8745BMI-21 IDT-ICS8745BMI-21 Datasheet
423Kb / 20P
1:1 Differential-to-LVDS Zero Delay Clock Generator
ICS8745BMI-21LF IDT-ICS8745BMI-21LF Datasheet
423Kb / 20P
1:1 Differential-to-LVDS Zero Delay Clock Generator
More results

Similar Description - ICS8745B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8735-01 ICST-ICS8735-01 Datasheet
287Kb / 17P
1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
REV. F NOVEMBER 12, 2004
logo
Integrated Device Techn...
874S02I IDT-874S02I Datasheet
401Kb / 17P
1:1 Differential-to-LVDS Zero Delay Clock Generator
8735-31 IDT-8735-31_16 Datasheet
424Kb / 21P
1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
ICS8745BI IDT-ICS8745BI Datasheet
814Kb / 20P
1:5 Differential-to-LVDS Zero Delay Clock Generator
8745BI-21 IDT-8745BI-21 Datasheet
423Kb / 20P
1:1 Differential-to-LVDS Zero Delay Clock Generator
logo
Renesas Technology Corp
874S02I RENESAS-874S02I Datasheet
533Kb / 16P
1:1 Differential-to-LVDS Zero Delay Clock Generator
July 6, 2021
8735-31 RENESAS-8735-31 Datasheet
620Kb / 22P
1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
8745B-21 RENESAS-8745B-21 Datasheet
519Kb / 20P
1:1 Differential-to-LVDS Zero Delay Clock Generator
Rev D 2/17/15
8745BI-21 RENESAS-8745BI-21 Datasheet
620Kb / 21P
1:1 Differential-to-LVDS Zero Delay Clock Generator
January 10, 2017
ICS8745BI RENESAS-ICS8745BI Datasheet
880Kb / 21P
1:5 Differential-to-LVDS Zero Delay Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com