Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD3HF60HD Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGD3HF60HD
Description  4.5 A, 600 V very fast IGBT with Ultrafast diode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD3HF60HD Datasheet(HTML) 1 Page - STMicroelectronics

  STGD3HF60HD Datasheet HTML 1Page - STMicroelectronics STGD3HF60HD Datasheet HTML 2Page - STMicroelectronics STGD3HF60HD Datasheet HTML 3Page - STMicroelectronics STGD3HF60HD Datasheet HTML 4Page - STMicroelectronics STGD3HF60HD Datasheet HTML 5Page - STMicroelectronics STGD3HF60HD Datasheet HTML 6Page - STMicroelectronics STGD3HF60HD Datasheet HTML 7Page - STMicroelectronics STGD3HF60HD Datasheet HTML 8Page - STMicroelectronics STGD3HF60HD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
December 2010
Doc ID 17690 Rev 3
1/16
16
STGD3HF60HD
4.5 A, 600 V very fast IGBT with Ultrafast diode
Features
■ Minimal tail current
■ Low conduction and switching losses
■ Ultrafast soft recovery antiparallel diode
Applications
Motor drive
Description
The STGD3HF60HD is based on a new advanced
planar technology concept to yield an IGBT with
more stable switching performance (Eoff) versus
temperature, as well as lower conduction losses.
Figure 1.
Internal schematic diagram
1
3
DPAK
TAB
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STGD3HF60HDT4
GD3HF60HD
DPAK
Tape and reel
www.st.com


Similar Part No. - STGD3HF60HD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
4.5 A, 600 V very fast IGBT with Ultrafast diode
22-Dec-2010
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
4.5 A, 600 V very fast IGBT with Ultrafast diode
22-Dec-2010
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
1Mb / 26P
4.5 A, 600 V very fast IGBT with Ultrafast diode
19-Sep-2016
More results

Similar Description - STGD3HF60HD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
600 V - 10 A - very fast IGBT
16-Dec-2008
STGWA19NC60HD STMICROELECTRONICS-STGWA19NC60HD Datasheet
522Kb / 14P
31 A, 600 V, very fast IGBT with Ultrafast diode
14-Sep-2011
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
4.5 A, 600 V very fast IGBT with Ultrafast diode
22-Dec-2010
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
4.5 A, 600 V very fast IGBT with Ultrafast diode
22-Dec-2010
STGF17NC60SD STMICROELECTRONICS-STGF17NC60SD Datasheet
375Kb / 9P
17 A, 600 V fast IGBT with Ultrafast diode
14-Nov-2012
STGB3HF60HD STMICROELECTRONICS-STGB3HF60HD Datasheet
1Mb / 26P
4.5 A, 600 V very fast IGBT with Ultrafast diode
19-Sep-2016
STGB3NC120HD STMICROELECTRONICS-STGB3NC120HD Datasheet
769Kb / 16P
7 A, 1200 V very fast IGBT with ultrafast diode
25-Jan-2011
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
19 A - 600 V - very fast IGBT
01-Sep-2009
STGF19NC60SD STMICROELECTRONICS-STGF19NC60SD Datasheet
535Kb / 15P
20 A, 600 V fast IGBT with Ultrafast diode
05-Nov-2010
STGB7NC60HD STMICROELECTRONICS-STGB7NC60HD_V01 Datasheet
1Mb / 22P
N-channel 14 A, 600 V, very fast IGBT with Ultrafast diode
27-Jun-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com