Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H745II Datasheet(PDF) 119 Page - STMicroelectronics

Part # STM32H745II
Description  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs,up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H745II Datasheet(HTML) 119 Page - STMicroelectronics

Back Button STM32H745II Datasheet HTML 115Page - STMicroelectronics STM32H745II Datasheet HTML 116Page - STMicroelectronics STM32H745II Datasheet HTML 117Page - STMicroelectronics STM32H745II Datasheet HTML 118Page - STMicroelectronics STM32H745II Datasheet HTML 119Page - STMicroelectronics STM32H745II Datasheet HTML 120Page - STMicroelectronics STM32H745II Datasheet HTML 121Page - STMicroelectronics STM32H745II Datasheet HTML 122Page - STMicroelectronics STM32H745II Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 252 page
background image
DS12923 Rev 1
119/252
STM32H745xI/G
Electrical characteristics
228
Table 34. Typical and maximum current consumption in Run mode, code with data processing
running from Flash memory, both cores running, cache ON,
ART accelerator ON, LDO regulator ON(1)
Symbol Parameter
Conditions
Arm
Cortex
-M7
fCPU1
(MHz)
Arm
Cortex-
M4
fCPU2
(MHz)
Typ
Max(2)
Unit
Tj=
25 °C
Tj=
85 °C
Tj=
105°C
Tj=
125°C
Tj=
140°C
IDD
Supply
current in
Run mode
All
peripherals
disabled
VOS0
480
240
173
268
385
496
mA
400
200
147
-
-
-
VOS1
400
200
128
175
288
379
499
VOS2
300
150
88
120
209
279
374
VOS3
200
100
55
77
149
205
283
381
All
peripherals
enabled
VOS0
480
240
242
368
459
569
VOS1
400
200
178
229
(3)
334
419(3)
537
VOS2
300
150
123
161
246
316
412
VOS3
200
100
77
102
172
228
306
405
1. The grayed cells correspond to the forbidden configurations.
2. Guaranteed by characterization results, unless otherwise specified.
3. Guaranteed by tests in production.
Table 35. Typical and maximum current consumption in Run mode, code with data processing
running from Flash memory, both cores running, cache OFF,
ART accelerator OFF, LDO regulator ON(1)
Symbol Parameter
Conditions
Arm
Cortex
-M7
fCPU1
(MHz)
Arm
Cortex
-M4
fCPU2
(MHz)
Typ
Max(2)
Unit
Tj=
25 °C
Tj=
85 °C
Tj=
105°C
Tj=
125°C
Tj=
140°C
IDD
Supply
current in
Run mode
All
peripherals
disabled
VOS0
480
240
109
191
330
444
mA
VOS1
400
200
96
149
256
347
468
VOS2
300
150
67
95
187
257
354
VOS3
200
100
43
62
136
192
270
368
All
peripherals
enabled
VOS0
480
240
178
291
403
517
VOS1
400
200
147
224
310
401
523
VOS2
300
150
103
136
224
295
392
VOS3
200
100
64
87
159
215
293
392
1. The grayed cells correspond to the forbidden configurations.
2. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com