Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H745II Datasheet(PDF) 121 Page - STMicroelectronics

Part # STM32H745II
Description  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs,up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H745II Datasheet(HTML) 121 Page - STMicroelectronics

Back Button STM32H745II Datasheet HTML 117Page - STMicroelectronics STM32H745II Datasheet HTML 118Page - STMicroelectronics STM32H745II Datasheet HTML 119Page - STMicroelectronics STM32H745II Datasheet HTML 120Page - STMicroelectronics STM32H745II Datasheet HTML 121Page - STMicroelectronics STM32H745II Datasheet HTML 122Page - STMicroelectronics STM32H745II Datasheet HTML 123Page - STMicroelectronics STM32H745II Datasheet HTML 124Page - STMicroelectronics STM32H745II Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 252 page
background image
DS12923 Rev 1
121/252
STM32H745xI/G
Electrical characteristics
228
Table 37. Typical and maximum current consumption in Run mode, code with data processing
running from ITCM, only Arm Cortex-M7 running, SMPS regulator(1)(2)
Symbol Parameter
Conditions
fCPU1
(MHz)
Typ
Max
Unit
Tj=25
°C
Tj=85
°C
Tj=105
°C
Tj=125
°C
Tj=140
°C
IDD
Supply
current in
Run mode
All
peripherals
disabled
VOS1
400
48.6
73.3
100.4
132.4
176.0
mA
VOS2
300
31.3
46.3
68.3
90.0
122.2
164.5
VOS3
200
18.0
26.9
45.3
60.6
82.4
111.7
All
peripherals
enabled
VOS1
400
72.9
95.8
144.5
190.7
252.0
VOS2
300
49.6
64.3
99.6
131.7
179.1
238.2
VOS3
200
28.8
38.5
64.3
88.3
118.6
164.7
1. The parameters given in the above table for the SMPS regulator are derived by extrapolation from the LDO consumption
and typical SMPS efficiency factors
.
2. The grayed cells correspond to the forbidden configurations.
Table 38. Typical and maximum current consumption in Run mode, code with data processing
running from Flash memory, only Arm Cortex-M7 running, cache ON,
LDO regulator ON(1)
Symbol Parameter
Conditions
fCPU1
(MHz)
Typ
Max(2)
Unit
Tj=25°
C
Tj=85°
C
Tj=105
°C
Tj=125
°C
Tj=140
°C
IDD
Supply
current in
Run mode
All
peripherals
disabled
VOS0
480
110
222
304
388
mA
400
91
-
-
-
VOS1
400
80
162
228
294
381
300
61.5
----
VOS2
300
55
111
168
222
294
200
38.5
----
VOS3
200
34.5
69
120
163
222
294
All
peripherals
enabled
VOS0
480
220
342
436
546
400
195
-
-
-
VOS1
400
175
264
336
424
544
300
135
----
VOS2
300
120
180
246
318
418
200
83
----
VOS3
200
75
114
173
232
312
412
1. The grayed cells correspond to the forbidden configurations.
2. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com