Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H745II Datasheet(PDF) 124 Page - STMicroelectronics

Part # STM32H745II
Description  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs,up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H745II Datasheet(HTML) 124 Page - STMicroelectronics

Back Button STM32H745II Datasheet HTML 120Page - STMicroelectronics STM32H745II Datasheet HTML 121Page - STMicroelectronics STM32H745II Datasheet HTML 122Page - STMicroelectronics STM32H745II Datasheet HTML 123Page - STMicroelectronics STM32H745II Datasheet HTML 124Page - STMicroelectronics STM32H745II Datasheet HTML 125Page - STMicroelectronics STM32H745II Datasheet HTML 126Page - STMicroelectronics STM32H745II Datasheet HTML 127Page - STMicroelectronics STM32H745II Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 252 page
background image
Electrical characteristics
STM32H745xI/G
124/252
DS12923 Rev 1
Table 43. Typical and maximum current consumption in Stop, LDO regulator ON(1)(2)
Symbol
Parameter
Conditions
Typ
Max(3)
Unit
Tj=25°C Tj=85°C
Tj=105
°C
Tj=125
°C
Tj=140
°C
IDD (Stop)
D1 Stop,
D2 Stop,
D3 Stop
Flash
memory
OFF, no
IWDG
SVOS5
1.27
6.3
42.5
72.0
mA
SVOS4
1.96
9.4
57.4
94.6
SVOS3
2.78
13.8(4)
75.9
121.3(4)
183.8
264.9
Flash
memory
ON, no
IWDG
SVOS5
1.27
6.3
42.5
72.0
SVOS4
2.25
9.8
57.9
95.2
SVOS3
3.07
14.1
76.4
122.0
184.8
266.5
D1 Stop,
D2 Standby,
D3 Stop
Flash
memory
OFF, no
IWDG
SVOS5
0.91
4.6
30.4
51.2
SVOS4
1.42
6.8
41.1
67.3
SVOS3
2.02
10.0
54.4
86.6
130.0
186.1
Flash
memory
ON, no
IWDG
SVOS5
0.91
4.6
30.4
51.2
SVOS4
1.70
7.2
41.5
67.9
SVOS3
2.31
10.3
54.9
87.1
130.8
187.2
D1 Standby,
D2 Stop,
D3 Stop
Flash
memory
OFF, no
IWDG
SVOS5
0.49
2.4
16.5
28.0
SVOS4
0.76
3.6
22.2
36.6
SVOS3
1.10
5.3
29.3
46.9
71.2
102.2
D1 Standby,
D2 Standby,
D3 Stop
Flash
memory
OFF, no
IWDG
SVOS5
0.15
0.7(4)
4.3
7.3(4)
SVOS4
0.22
1.0
5.8
9.6
SVOS3
0.35
1.5(4)
7.8
12.3(4)
18.6
26.6
1. The parameters given in the above table for the SMPS regulator are derived by extrapolation from the LDO consumption
and typical SMPS efficiency factors
.
2. The grayed cells correspond to the forbidden configurations.
3. Guaranteed by characterization results, unless otherwise specified.
4. Guaranteed by tests in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com