Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H745II Datasheet(PDF) 127 Page - STMicroelectronics

Part # STM32H745II
Description  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs,up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H745II Datasheet(HTML) 127 Page - STMicroelectronics

Back Button STM32H745II Datasheet HTML 123Page - STMicroelectronics STM32H745II Datasheet HTML 124Page - STMicroelectronics STM32H745II Datasheet HTML 125Page - STMicroelectronics STM32H745II Datasheet HTML 126Page - STMicroelectronics STM32H745II Datasheet HTML 127Page - STMicroelectronics STM32H745II Datasheet HTML 128Page - STMicroelectronics STM32H745II Datasheet HTML 129Page - STMicroelectronics STM32H745II Datasheet HTML 130Page - STMicroelectronics STM32H745II Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 252 page
background image
DS12923 Rev 1
127/252
STM32H745xI/G
Electrical characteristics
228
2. The parameters given in the above table for the SMPS regulator are derived by extrapolation from the LDO consumption
and typical SMPS efficiency factors
.
3. The grayed cells correspond to the forbidden configurations.
Table 47. Typical and maximum current consumption in Standby
Symbol Parameter
Conditions
Typ
Max(1)
Unit
1.62 V 2.4 V
3 V
3.3 V
3 V
Backup
SRAM
RTC
and
LSE
Tj=25
°C
Tj=85
°C
Tj=105
°C
Tj=125
°C
Tj=140
°C
IDD
(Standby)
Supply
current in
Standby
mode
OFF
OFF
1,92
1,95
2,06
2,16
4
18
40
90
140
µA
ON
OFF
3,33
3,44
3,6
3,79
8.2
47
83
141
230
OFF
ON
2,43
2,57
2,77
2,95
-
-
-
-
-
ON
ON
3,82
4,05
4,31
4,55
-
-
-
-
-
1. Guaranteed by characterization results, unless otherwise specified.
Table 48. Typical and maximum current consumption in VBAT mode
Symbol Parameter
Conditions
Typ
Max(1)
Unit
Backup
SRAM
RTC
and
LSE
1.2 V
2 V
3 V
3.4
V
3 V
Tj=25
°C
Tj=85
°C
Tj=105
°C
Tj=125
°C
Tj=140
°C
IDD
(VBAT)
Supply
current in
VBAT mode
OFF
OFF
0,02
0,02
0,03 0,05
0,5
4,1
10
24
47
µA
ON
OFF
1,33
1,45
1,58
1,7
4,4
22
48
87
132
OFF
ON
0,46
0,57
0,75 0,87
-
-
-
-
-
ON
ON
1,77
2
2,3
2,5
-
-
-
-
-
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com