Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H753II Datasheet(PDF) 354 Page - STMicroelectronics

Part # STM32H753II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, 2MB Flash,1MB RAM, 46 com. and analog interfaces, crypto
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H753II Datasheet(HTML) 354 Page - STMicroelectronics

Back Button STM32H753II Datasheet HTML 350Page - STMicroelectronics STM32H753II Datasheet HTML 351Page - STMicroelectronics STM32H753II Datasheet HTML 352Page - STMicroelectronics STM32H753II Datasheet HTML 353Page - STMicroelectronics STM32H753II Datasheet HTML 354Page - STMicroelectronics STM32H753II Datasheet HTML 355Page - STMicroelectronics STM32H753II Datasheet HTML 356Page - STMicroelectronics STM32H753II Datasheet HTML 357Page - STMicroelectronics STM32H753II Datasheet HTML 358Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 361 page
background image
DS12117 Rev 8
353/360
STM32H753xI
Revision history
359
10
Revision history
Table 230. Document revision history
Date
Revision
Changes
22-Jun-2017
1
Initial release.
27-Sep-2017
2
Updated list of features.
Changed datasheet status to “production data”.
Added UFBGA169 and TFBGA100 packages as well as notes related to TFBGA100
and UFBGA169 status on cover page and in Table 2: STM32H753xI features and
peripheral counts.
Differentiated number of GPIOs for each package in Table 2: STM32H753xI features
and peripheral counts.
Updated Error code correction (ECC) in Section 3.3.3: Embedded SRAM.
Change PWR_CR3 into PWR_D3CR in Section 3.5.1: Power supply scheme.
Updated Section 3.12: Nested vectored interrupt controller (NVIC).
Added Table 4: DFSDM implementation in Section 3.23: Digital filter for sigma-delta
modulators (DFSDM).
Changed PC2/3 to PC2/3_C and VDD33USB to VDD in Figure 4: LQFP100 pinout.
Changed PC2/3 to PC2/3_C in Figure 6: LQFP144 pinout. Changed PC2/3 to
PC2/3_C in Figure 8: LQFP176 pinout. Changed PC2/3 to PC2/3_C in Figure 10:
LQFP208 pinout.
Table 8: Pin/ball definition:
– Modified PA7, PC4, PC5, PB1, PG1, PE7, PE8 and PE9 I/O structure
– TFBGA240 +25: removed duplicate occurrence of F1, F2 and P17 pin; added
notes related to F1, F2, G2 pin connection; added note on E1, L16, L17, M16,
M17, K16, K17, N17.
– UFBGA176+25: changed G10 pin name to VSS.
– Added note to VREF+ pin.
Added current consumption corresponding to 125 °C ambient temperature in
Section 6.3.6: Supply current characteristics.
Replaced FMC_CLK by FMC_SDCLK in Section : SDRAM waveforms and timings.
Changed description of the last five fS values and updated tLATRINJin Table 86: ADC
characteristics.
For TFBGA100, TFBGA240+25 and UFBGA169, updated thermal resistance power-
junction in Table 229: Thermal characteristics as well as power dissipation in
Table 23: General operating conditions.
23-Oct-2017
3
Total current consumption changed to 4 µA minimum in Features.
Updated Figure 7: UFBGA169 ballout.
Updated dpad and dsm in Table 228: TFBGA240+25 - Recommended PCB design
rules (0.8 mm pitch BGA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com