Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H753II Datasheet(PDF) 358 Page - STMicroelectronics

Part # STM32H753II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, 2MB Flash,1MB RAM, 46 com. and analog interfaces, crypto
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H753II Datasheet(HTML) 358 Page - STMicroelectronics

Back Button STM32H753II Datasheet HTML 353Page - STMicroelectronics STM32H753II Datasheet HTML 354Page - STMicroelectronics STM32H753II Datasheet HTML 355Page - STMicroelectronics STM32H753II Datasheet HTML 356Page - STMicroelectronics STM32H753II Datasheet HTML 357Page - STMicroelectronics STM32H753II Datasheet HTML 358Page - STMicroelectronics STM32H753II Datasheet HTML 359Page - STMicroelectronics STM32H753II Datasheet HTML 360Page - STMicroelectronics STM32H753II Datasheet HTML 361Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 358 / 361 page
background image
DS12117 Rev 8
357/360
STM32H753xI
Revision history
359
4-Mar-2022
8
Added reference to errata sheet ES0392 in Section 1: Introduction.
Section 2: Description
Table 2: STM32H753xI features and peripheral counts: removed note indicating that
packages are under development, split number of ADC channels into Direct, Fast
and Slow channels; and added number of wakeup and tamper pins.
Changed APB1 and APB2 maximum frequency to 120 MHZ in Figure 1:
STM32H753xI block diagram.
Section 3: Functional overview
Added connection between SDMMC2 and D2-to-D3 AHB bus in Figure 3:
STM32H753xI bus matrix.
Updated Section 3.27: True random number generator (RNG).
Added Full-duplex mode in Section 3.34: Serial peripheral interfaces
(SPI)/integrated interchip sound interfaces (I2S).
Updated number of microphones that can be supported by the SAI in Section 3.35:
Serial audio interfaces (SAI).
Section 5: Pin descriptions
Updated J1, F1, F2 and G2 signals and added notes 2, 3 and 4 in Figure 11:
TFBGA240+25 ballout.
Removed FDCAN1_RXFD_MODE, FDCAN1_TXFD_MODE,
FDCAN2_RXFD_MODE and FDCAN2_TXFD_MODE functions from Table 8:
Pin/ball definition and all alternate function tables.
Additional modifications made on Table 8: Pin/ball definition: added note to
VDD50USB, change PB1 I/O structure to TT_a, replaced PI8 WKUP3 additional
function by WKUP2, replaced PC13 WKUP2 additional function by WKUP3,
changed F1 and G2 to VSS.
Section 6: Electrical characteristics (rev Y):
– Updated Section 6.2: Absolute maximum ratings introduction to add device
mission profile.
– Updated Figure 14: Power supply scheme.
– Power dissipation (PD) removed from Table 23: General operating conditions
since this parameter is redundant with
ΘJA thermal resistance.
– Updated Table 41: High-speed external user clock characteristics.
– Table 52: Flash memory programming: removed reference to single bank
configuration in title and updated tERASE128KB typical and maximum values.
– Added reference to AN4899 in Section 6.3.15: I/O port characteristics. Updated
Fmax for speed 10 and 11 in Table 62: Output timing characteristics (HSLV OFF).
Updated notes in Table 63: Output timing characteristics (HSLV ON).
– Updated tsu(DV-CLKH)/th(DV-CLKH) and tsu(NWAIT-CLKH)/th(NWAIT-CLKH) in Table 73:
Synchronous multiplexed NOR/PSRAM read timings. Changed t(NWAIT-CLKH) to
tsu(NWAIT-CLKH) and updated tsu(DV-CLKH)/th(DV-CLKH) and tsu(NWAIT-CLKH)/th(NWAIT-
CLKH) in Table 75: Synchronous non-multiplexed NOR/PSRAM read timings.
– Replaced FMC_CLK by FMC_SDCLK in Section : SDRAM waveforms and timings
– Updated tsu(SDCLKH _Data) and th(SDCLKH _Data) in Table 79: SDRAM read timings
and Table 80: LPSDR SDRAM read timings.
Table 230. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com