Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H753II Datasheet(PDF) 359 Page - STMicroelectronics

Part # STM32H753II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, 2MB Flash,1MB RAM, 46 com. and analog interfaces, crypto
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H753II Datasheet(HTML) 359 Page - STMicroelectronics

Back Button STM32H753II Datasheet HTML 353Page - STMicroelectronics STM32H753II Datasheet HTML 354Page - STMicroelectronics STM32H753II Datasheet HTML 355Page - STMicroelectronics STM32H753II Datasheet HTML 356Page - STMicroelectronics STM32H753II Datasheet HTML 357Page - STMicroelectronics STM32H753II Datasheet HTML 358Page - STMicroelectronics STM32H753II Datasheet HTML 359Page - STMicroelectronics STM32H753II Datasheet HTML 360Page - STMicroelectronics STM32H753II Datasheet HTML 361Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 359 / 361 page
background image
Revision history
STM32H753xI
358/360
DS12117 Rev 8
4-Mar-2022
8
(continued)
Section 6: Electrical characteristics (rev Y) (continued)
– Updated ts(IN) and th(IN) in Table 83: QUADSPI characteristics in SDR mode
tsr(IN)/tsf(IN) and thr(IN)/thf(IN) in Table 84: QUADSPI characteristics in DDR mode.
Updated Figure 38: Quad-SPI timing diagram - DDR mode.
– Updated maximum sampling time (tS) value in Table 86: ADC characteristics.
Updated Figure 39: ADC accuracy characteristics, Figure 40: Typical connection
diagram when using the ADC with FT/TT pins featuring analog switch function and
Figure 41: Power supply and reference decoupling (VREF+ not connected to
VDDA).
– Updated TL maximum value in Table 91: Temperature sensor characteristics.
– Updated fDFSDMCLK and DuCyCKOUT in Table 99: DFSDM measured timing - 1.62-
3.6 V.
– Updated fTIMxCLK to match an APB1/2 maximum frequency of 120 MHZ in
Table 102: TIMx characteristics.
– Updated tsu(MI) and th(MI) minimum values in Table 105: SPI dynamic
characteristics.
– Updated tISU, tIH, tISUD and tIHD in Table 109: Dynamic characteristics: SD / MMC
characteristics, VDD = 2.7 to 3.6 V, and tISU, tIH in Table 110: Dynamic
characteristics: eMMC characteristics, VDD = 1.71 to 1.9 V. Updated Figure 58:
DDR mode.
Section 7: Electrical characteristics (rev V):
– Updated Figure 67: Power supply scheme.
– Updated Section 7.2: Absolute maximum ratings introduction to device mission
profile.
– Power dissipation (PD) removed from Table 121: General operating conditions
since this parameter is redundant with
ΘJA thermal resistance.
– Replaced Min VDD by Min VDDLDO in Table 122: Supply voltage and maximum
frequency configuration.
– Updated Table 138: High-speed external user clock characteristics.
– Table 149: Flash memory programming: removed reference to single bank
configuration in title, and updated tERASE128KB.
– Updated condition related to
frcc_c_ck in Section : On-chip peripheral current
consumption.
– Added reference to AN4899 in Section 7.3.15: I/O port characteristics. Updated
Fmax for speed 10 and 11 in Table 159: Output timing characteristics (HSLV OFF).
Changed capacitance value for speed 10 and tr/tf, and speed for 11 and tr/tf/Fmax
Table 160: Output timing characteristics (HSLV ON).
– Updated tsu(DV-CLKH)/th(DV-CLKH) and tsu(NWAIT-CLKH)/th(NWAIT-CLKH) in Table 170:
Synchronous multiplexed NOR/PSRAM read timings. Changed t(NWAIT-CLKH) to
tsu(NWAIT-CLKH) and updated tsu(DV-CLKH)/th(DV-CLKH) and tsu(NWAIT-CLKH)/th(NWAIT-
CLKH) in Table 172: Synchronous non-multiplexed NOR/PSRAM read timings.
Updated tsu(SDCLKH _Data) and th(SDCLKH _Data) in Table 176: SDRAM read timings
and Table 177: LPSDR SDRAM read timings. Replaced FMC_CLK by
FMC_SDCLK in Section : SDRAM waveforms and timings.
– Updated ts(IN) and th(IN) in Table 180: QUADSPI characteristics in SDR mode and
tsr(IN)/tsf(IN) and thr(IN)/thf(IN) in Table 181: QUADSPI characteristics in DDR mode.
Updated Figure 90: Quad-SPI timing diagram - DDR mode.
Table 230. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com