Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H753II Datasheet(PDF) 360 Page - STMicroelectronics

Part # STM32H753II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, 2MB Flash,1MB RAM, 46 com. and analog interfaces, crypto
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H753II Datasheet(HTML) 360 Page - STMicroelectronics

Back Button STM32H753II Datasheet HTML 353Page - STMicroelectronics STM32H753II Datasheet HTML 354Page - STMicroelectronics STM32H753II Datasheet HTML 355Page - STMicroelectronics STM32H753II Datasheet HTML 356Page - STMicroelectronics STM32H753II Datasheet HTML 357Page - STMicroelectronics STM32H753II Datasheet HTML 358Page - STMicroelectronics STM32H753II Datasheet HTML 359Page - STMicroelectronics STM32H753II Datasheet HTML 360Page - STMicroelectronics STM32H753II Datasheet HTML 361Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 360 / 361 page
background image
DS12117 Rev 8
359/360
STM32H753xI
Revision history
359
4-Mar-2022
8
(continued)
Section 7: Electrical characteristics (rev V) (continued):
– Updated notes 4. and 5. in Table 184: Minimum sampling time vs RAIN. Added
reference to AN5354 application note in note of Table 183: ADC characteristics.
Updated Figure 91: ADC accuracy characteristics and Figure 92: Typical
connection diagram when using the ADC with FT/TT pins featuring analog switch
function
– Changed VDAC_OUT maximum value to VREF+ −0.2 in Table 186: DAC
characteristics
– Updated TL maximum value inTable 189: Temperature sensor characteristics.
– Modified Figure 93: Power supply and reference decoupling (VREF+ not connected
to VDDA).
– Updated DuCyCKOUT in Table 197: DFSDM measured timing - 1.62-3.6 V.
– Updated Figure 100: USART timing diagram in Master mode and Figure 101:
USART timing diagram in Slave mode
– Updated tsu(MI) and th(MI) in Table 204: SPI dynamic characteristics.
– Updated tISU, tIH, tISUD, tIHD and tOH in Table 208: Dynamics characteristics: SD /
MMC characteristics, VDD = 2.7 to 3.6 V, and tISU, tIH in Table 209: Dynamics
characteristics: eMMC characteristics VDD = 1.71V to 1.9V. Modified Figure 112:
DDR mode.
– Added Section : USB OTG_FS characteristics.
Section 8: Package information
Added ΘJB and ΘJC for UFBGA169.
Updated Section 8.1: LQFP100 package information, Section 8.3: LQFP144
package information, Figure 123: TFBGA100 - Recommended footprint, Section 8.5:
LQFP176 package information, Section 8.7: UFBGA176+25 package information,
Figure 136: LQFP208 marking example (package top view) and Table 228:
TFBGA240+25 - Recommended PCB design rules (0.8 mm pitch BGA).
Added Figure 129: UFBGA169 - Recommended footprint and Table 222:
UFBGA169 - Recommended PCB design rules (0.5 mm pitch BGA).
Section 9: Ordering information
Added note related to the availability of tape and reel packing in Section 9: Ordering
information.
Table 230. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com