Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L010K8 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STM32L010K8
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,64-Kbyte Flash memory, 8-Kbyte SRAM, 256-byte EEPROM, ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010K8 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STM32L010K8 Datasheet HTML 40Page - STMicroelectronics STM32L010K8 Datasheet HTML 41Page - STMicroelectronics STM32L010K8 Datasheet HTML 42Page - STMicroelectronics STM32L010K8 Datasheet HTML 43Page - STMicroelectronics STM32L010K8 Datasheet HTML 44Page - STMicroelectronics STM32L010K8 Datasheet HTML 45Page - STMicroelectronics STM32L010K8 Datasheet HTML 46Page - STMicroelectronics STM32L010K8 Datasheet HTML 47Page - STMicroelectronics STM32L010K8 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 92 page
background image
Electrical characteristics
STM32L010K8 STM32L010R8
44/92
DS12325 Rev 3
The MCU is placed under the following conditions:
•
All I/O pins are configured in analog input mode
•
All peripherals are disabled except when explicitly mentioned
•
The Flash memory access time and prefetch is adjusted depending on fHCLK frequency
and voltage range to provide the best CPU performance unless otherwise specified.
•
When the peripherals are enabled fAPB1 = fAPB2 = fAPB
•
When PLL is ON, the PLL inputs are equal to HSI = 16 MHz (if internal clock is used) or
HSE = 16 MHz (if HSE mode is used)
•
The HSE user clock is applied to CK_IN. It follows the characteristic specified in
Table 32: High-speed external user clock characteristics
•
For maximum current consumption VDD = VDDA = 3.6 V is applied to all supply pins
•
For typical current consumption VDD = VDDA = 3.0 V is applied to all supply pins if not
specified otherwise
Table 19. Current consumption in Run mode, code with data processing
running from Flash memory
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max
Unit
IDD (Run
from Flash
memory)
Supply current
in Run mode,
code executed
from Flash
memory
fHSE = fHCLK up to 16 MHz
included,
fHSE =fHCLK/2 above
16 MHz (PLL ON)(1)
Range 3,
VCORE =1.2 V
VOS[1:0] = 11
1
165
230
µA
2
290
360
4
555
630
Range 2,
VCORE =1.5 V
VOS[1:0] = 10,
4
0.665
0.74
mA
81.3
1.4
16
2.6
2.8
Range 1,
VCORE =1.8 V
VOS[1:0] = 01
8
1.55
1.7
16
3.1
3.4
32
6.3
6.8
MSI clock
Range 3,
VCORE =1.2 V
VOS[1:0] = 11
0.065
36.5
110
µA
0.524
99.5
190
4.2
620
700
HSI clock
Range 2,
VCORE =1.5 V
VOS[1:0] = 10,
16
2.6
2.9
mA
Range 1,
VCORE =1.8 V
VOS[1:0] = 01
32
6.25
7
1. Oscillator bypassed (HSEBYP = 1 in RCC_CR register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com