Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L010K8 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STM32L010K8
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,64-Kbyte Flash memory, 8-Kbyte SRAM, 256-byte EEPROM, ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010K8 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STM32L010K8 Datasheet HTML 26Page - STMicroelectronics STM32L010K8 Datasheet HTML 27Page - STMicroelectronics STM32L010K8 Datasheet HTML 28Page - STMicroelectronics STM32L010K8 Datasheet HTML 29Page - STMicroelectronics STM32L010K8 Datasheet HTML 30Page - STMicroelectronics STM32L010K8 Datasheet HTML 31Page - STMicroelectronics STM32L010K8 Datasheet HTML 32Page - STMicroelectronics STM32L010K8 Datasheet HTML 33Page - STMicroelectronics STM32L010K8 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 92 page
background image
Pin descriptions
STM32L010K8 STM32L010R8
30/92
DS12325 Rev 3
Table 9. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function during and after
reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input/output pin
I/O structure
FT
5 V tolerant I/O
TTa
3.3 V tolerant I/O directly connected to the ADC
TC
Standard 3.3 V I/O
Notes
Unless otherwise specified by a note, all I/Os are set as analog inputs during and after reset.
Pin
functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
Table 10. Pin definitions
Pin
number
Pin name (function
after reset)
Pin
type
I/O
struc
ture
Not
es
Pin functions
Alternate functions
Additional functions
-1
VDD
S
-
(1)
--
-2
PC13
I/O
FT
-
-
RTC_TAMP1/RTC_TS/
RTC_OUT/WKUP2
2
3
PC14-OSC32_IN
I/O
FT
-
-
OSC32_IN
3
4
PC15-OSC32_OUT
I/O
TC
-
-
OSC32_OUT
-
5
PH0-OSC_IN
I/O
TC
-
-
OSC_IN
-
6
PH1-OSC_OUT
I/O
TC
-
-
OSC_OUT
4
7
NRST
I/O
RST
(2)
--
-
8
PC0
I/O
FT
-
LPTIM1_IN1, EVENTOUT
ADC_IN10
-
9
PC1
I/O
FT
-
LPTIM1_OUT, EVENTOUT
ADC_IN11
-
10
PC2
I/O
FT
-
LPTIM1_IN2
ADC_IN12
-
11
PC3
I/O
FT
-
LPTIM1_ETR
ADC_IN13
-
12
VSSA
S
-
-
-
-
5
13
VDDA
S
-
(3)
--
614
PA0
I/O
TTa
-
TIM2_CH1, USART2_CTS,
TIM2_ETR
ADC_IN0,
RTC_TAMP2/WKUP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com