Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L010K8 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32L010K8
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,64-Kbyte Flash memory, 8-Kbyte SRAM, 256-byte EEPROM, ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010K8 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32L010K8 Datasheet HTML 9Page - STMicroelectronics STM32L010K8 Datasheet HTML 10Page - STMicroelectronics STM32L010K8 Datasheet HTML 11Page - STMicroelectronics STM32L010K8 Datasheet HTML 12Page - STMicroelectronics STM32L010K8 Datasheet HTML 13Page - STMicroelectronics STM32L010K8 Datasheet HTML 14Page - STMicroelectronics STM32L010K8 Datasheet HTML 15Page - STMicroelectronics STM32L010K8 Datasheet HTML 16Page - STMicroelectronics STM32L010K8 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
DS12325 Rev 3
13/92
STM32L010K8 STM32L010R8
Functional overview
28
3
Functional overview
3.1
Low-power modes
The STM32L010K8/R8 support dynamic voltage scaling to optimize its power consumption
in Run mode. The voltage from the internal low-drop regulator that supplies the logic, can be
adjusted according to the maximum operating frequency of the system.
There are three power consumption ranges:
Range 1 with the CPU running at up to 32 MHz
Range 2 with a maximum CPU frequency of 16 MHz
Range 3 with a maximum CPU frequency limited to 4.2 MHz
Seven low-power modes are provided to achieve the best compromise between low-power
consumption, short startup time and available wakeup sources:
Sleep mode
In Sleep mode, only the CPU is stopped. All peripherals continue to operate and can
wake up the CPU when an interrupt/event occurs. The power consumption in this
mode, at 16 MHz, is about 1 mA with all peripherals off.
Low-power run mode
This mode is achieved with the multispeed internal (MSI) RC oscillator set to the low-
speed clock (max 131 kHz), execution from SRAM or Flash memory, and internal
regulator in low-power mode to minimize its operating current. In Low-power run mode,
the clock frequency and the number of enabled peripherals are both limited.
Low-power sleep mode
This mode is achieved by entering Sleep mode with the internal voltage regulator in
low-power mode to minimize its operating current. In Low-power sleep mode, both the
clock frequency and the number of enabled peripherals are limited; a typical example is
to have a timer running at 32 kHz.
When wakeup is triggered by an event or an interrupt, the system reverts to the Run
mode with the regulator on.
Stop mode with RTC
The Stop mode achieves the lowest power consumption while retaining the RAM and
register contents and real time clock. All clocks in the VCORE domain are stopped, the
PLL, MSI RC, HSE and HSI RC oscillators are disabled. The LSE or LSI is still running.
The voltage regulator is in Low-power mode.
Some peripherals featuring wakeup capability can enable the HSI RC during Stop
mode to detect their wakeup condition.
The device can be woken up from Stop mode by any of the EXTI line. In 3.5 µs, the
processor serves the interrupt or resume the code. The EXTI line source can be any
GPIO, the RTC alarm/tamper/timestamp/wakeup events, or the
USART/I2C/LPUART/LPTIM wakeup events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com