Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L010R8 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32L010R8
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,64-Kbyte Flash memory, 8-Kbyte SRAM, 256-byte EEPROM, ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010R8 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32L010R8 Datasheet HTML 12Page - STMicroelectronics STM32L010R8 Datasheet HTML 13Page - STMicroelectronics STM32L010R8 Datasheet HTML 14Page - STMicroelectronics STM32L010R8 Datasheet HTML 15Page - STMicroelectronics STM32L010R8 Datasheet HTML 16Page - STMicroelectronics STM32L010R8 Datasheet HTML 17Page - STMicroelectronics STM32L010R8 Datasheet HTML 18Page - STMicroelectronics STM32L010R8 Datasheet HTML 19Page - STMicroelectronics STM32L010R8 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 92 page
background image
Functional overview
STM32L010K8 STM32L010R8
16/92
DS12325 Rev 3
3.2
Interconnect matrix
Several peripherals are directly interconnected. This allows autonomous communication
between peripherals, thus saving CPU resources and power consumption. In addition,
these hardware connections allow fast and predictable latency.
Depending on peripherals, these interconnections can operate in Run, Sleep, Low-power
run, Low-power sleep and Stop modes.
Consumption
VDD=1.8 to 3.6 V (typ)
Down to
140 µA/MHz
(from Flash
memory)
Down to
37 µA/MHz
(from Flash
memory)
Down
to 8 µA
Down
to
4.5 µA
0.4 µA (no RTC)
VDD=1.8 V
0.28 µA (no RTC)
VDD=1.8 V
0.8 µA (with
RTC) VDD=1.8 V
0.65 µA (with RTC)
VDD=1.8 V
0.4 µA (no RTC)
VDD=3.0 V
0.29 µA (no RTC)
VDD=3.0 V
1µA (with RTC)
VDD=3.0 V
0.85 µA (with RTC)
VDD=3.0 V
1. Legend:
“Y” = Yes (enable).
“O” = Optional (can be enabled/disabled by software)
“-” = Not available
2. The consumption values given in this table are preliminary data given for indication. They are subject to slight changes.
3. Some peripherals with wakeup from Stop capability can request HSI to be enabled. In this case, HSI is woken up by the
peripheral, and only feeds the peripheral which requested it. HSI is automatically put off when the peripheral does not need
it anymore.
4. USART and LPUART reception is functional in Stop mode. It generates a wakeup interrupt on Start.To generate a wakeup
on address match or received frame event, the LPUART can run on LSE clock while the USART has to wake up or keep
running the HSI clock.
5. I2C address detection is functional in Stop mode. It generates a wakeup interrupt in case of address match. It wakes up the
HSI during reception.
Table 3. Functionalities depending on the working mode
(from Run/active down to Standby)(1)(2) (continued)
IP
Run/active
mode
Sleep
mode
Low-
power
run
mode
Low-
power
sleep
mode
Stop mode
Standby mode
Wakeup
capability
Wakeup
capability
Table 4. STM32L010K8/R8 peripherals interconnect matrix
Interconnect
source
Inter-
connect
destination
Interconnect action
Run Sleep
Low-
power
run
Low-
power
sleep
Stop
TIMx
TIMx
Timer triggered by other timer
Y
Y
Y
Y
-
RTC
TIM21
Timer triggered by auto wakeup
Y
Y
Y
Y
-
LPTIM1
Timer triggered by RTC event
Y
Y
Y
Y
Y
All clocks
TIMx
Clock source used as input channel
for RC measurement and trimming
YY
Y
Y
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com