Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L010R8 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32L010R8
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,64-Kbyte Flash memory, 8-Kbyte SRAM, 256-byte EEPROM, ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010R8 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32L010R8 Datasheet HTML 13Page - STMicroelectronics STM32L010R8 Datasheet HTML 14Page - STMicroelectronics STM32L010R8 Datasheet HTML 15Page - STMicroelectronics STM32L010R8 Datasheet HTML 16Page - STMicroelectronics STM32L010R8 Datasheet HTML 17Page - STMicroelectronics STM32L010R8 Datasheet HTML 18Page - STMicroelectronics STM32L010R8 Datasheet HTML 19Page - STMicroelectronics STM32L010R8 Datasheet HTML 20Page - STMicroelectronics STM32L010R8 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 92 page
background image
DS12325 Rev 3
17/92
STM32L010K8 STM32L010R8
Functional overview
28
3.3
Arm® Cortex®-M0+ core
The Cortex-M0+ processor is an entry-level 32-bit Arm Cortex processor designed for a
broad range of embedded applications. It offers significant benefits to developers, including:
•
a simple architecture that is easy to learn and program
•
ultra-low power, energy-efficient operation
•
excellent code density
•
deterministic, high-performance interrupt handling
•
upward compatibility with Cortex-M processor family
•
platform security robustness
The Cortex-M0+ processor is built on a highly area and power optimized 32-bit processor
core, with a 2-stage pipeline von Neumann architecture. The processor delivers exceptional
energy efficiency through a small but powerful instruction set and extensively optimized
design, providing high-end processing hardware including a single-cycle multiplier.
The Cortex-M0+ processor provides the exceptional performance expected of a modern 32-
bit architecture, with a higher code density than other 8-bit and 16-bit microcontrollers.
Owing to its embedded Arm core, the STM32L010K8/R8 are compatible with all Arm tools
and software.
Nested vectored interrupt controller (NVIC)
The ultra-low-power STM32L010K8/R8 embed a nested vectored interrupt controller, able
to handle up to 32 maskable interrupt channels and 4 priority levels.
The Cortex-M0+ processor closely integrates a configurable nested vectored interrupt
controller (NVIC), to deliver industry-leading interrupt performance.
The NVIC includes a non-maskable interrupt (NMI) and provides zero jitter interrupt option
plus four interrupt priority levels.
The tight integration of the processor core and NVIC provides fast execution of interrupt
service routines (ISRs), reducing the interrupt latency. This is achieved through the
hardware stacking of registers, and the ability to abandon and restart load-multiple and
store-multiple operations. Interrupt handlers do not require any assembler wrapper code,
removing any code overhead from the ISRs. Tail-chaining optimization also significantly
reduces the overhead when switching from one ISR to another.
To optimize low-power designs, the NVIC integrates sleep modes, such as a deep-sleep
function that enables the entire device to enter rapidly Stop or Standby mode.
This hardware block provides flexible interrupt management features with minimal interrupt
latency.
GPIO
TIMx
Timer input channel and trigger
Y
Y
Y
Y
-
LPTIM1
Timer input channel and trigger
Y
Y
Y
Y
Y
ADC
Conversion trigger
Y
Y
Y
Y
-
Table 4. STM32L010K8/R8 peripherals interconnect matrix (continued)
Interconnect
source
Inter-
connect
destination
Interconnect action
Run Sleep
Low-
power
run
Low-
power
sleep
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com