Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L010R8 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM32L010R8
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,64-Kbyte Flash memory, 8-Kbyte SRAM, 256-byte EEPROM, ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010R8 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM32L010R8 Datasheet HTML 20Page - STMicroelectronics STM32L010R8 Datasheet HTML 21Page - STMicroelectronics STM32L010R8 Datasheet HTML 22Page - STMicroelectronics STM32L010R8 Datasheet HTML 23Page - STMicroelectronics STM32L010R8 Datasheet HTML 24Page - STMicroelectronics STM32L010R8 Datasheet HTML 25Page - STMicroelectronics STM32L010R8 Datasheet HTML 26Page - STMicroelectronics STM32L010R8 Datasheet HTML 27Page - STMicroelectronics STM32L010R8 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
Functional overview
STM32L010K8 STM32L010R8
24/92
DS12325 Rev 3
3.13
Timers and watchdogs
The ultra-low-power STM32L010K8/R8 include two general-purpose timers, one low- power
timer (LPTIM1), two watchdog timers and the SysTick timer.
3.13.1
General-purpose timers (TIM2, TIM21)
Table 5 compares the features of the general-purpose timers.
TIM2
This timer is based on 16-bit auto-reload up/down counter. It includes a 16-bit prescaler and
four independent channels for input capture/output compare, PWM or one-pulse mode
output.
TIM2 can work together and be synchronized with the TIM21 timer via the Timer Link
feature for synchronization or event chaining. The TIM2 counter can be frozen in debug
mode. Any of the general-purpose timers can be used to generate PWM outputs.
TIM2 has independent DMA request generation.
This timer is capable of handling quadrature (incremental) encoder signals and the digital
outputs from 1 to 3 hall-effect sensors.
TIM21
This timer is based on a 16-bit auto-reload up/down counter. It includes a 16-bit prescaler
and two independent channels for input capture/output compare, PWM or one-pulse mode
output. TIM21 can work together and be synchronized with TIM2.
TIM21 can also be used as a simple timebase and be clocked by the LSE (32.768 kHz) to
provide independent timebase from the main CPU clock.
Table 5. Features of general purpose timers
Timer
Counter
resolution
Counter
type
Prescaler factor
DMA
request
generation
Capture/compare
channels
Complementary
outputs
TIM2
16-bit
Up,
down,
up/down
Any integer
between 1 and 65536
Yes
4
No
TIM21
16-bit
Up,
down,
up/down
Any integer
between 1 and 65536
No
2
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com