Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD667A Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSD667A
Description  NPN SILICON EPITAXIAL TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSD667A Datasheet(HTML) 1 Page - Continental Device India Limited

  CSD667A Datasheet HTML 1Page - Continental Device India Limited CSD667A Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN SILICON EPITAXIAL TRANSISTORS
CSD667
CSD667A
TO-237
BCE
Low Frequency Power Amplifier
Complementary CSB647/A
ABSOLUTE MAXIMUM RATINGS(Ta=25 deg C)
DESCRIPTION
SYMBOL
CSD667
CSD667A
UNIT
Collector -Base Voltage
VCBO
120
120V
Collector -Emitter Voltage
VCEO
80
100V
Emitter Base Voltage
VEBO
5.0
5.0V
Collector Current
IC
1.0
1.0A
Peak
IC
2.0
2.0A
Collector Power Dissipation
PC
0.9
0.9W
Operating And Storage Junction
Tj, Tstg
-55 to +150
-55 to +150
deg C
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
CSD667 CSD667A
UNIT
Collector -Base Voltage
VCBO
IC=10uA, IE=0
>120
>120V
Collector -Emitter Voltage
VCEO
IC=1mA, IB=0
>80
>100V
Emitter Base Voltage
VEBO
IE=10uA, IC=0
>5.0
>5.0V
Collector Cut off Current
ICBO
VCB=100V, IE=0
<10
<10
uA
DC Current Gain
hFE*
IC=150mA,VCE=5V**
60-320
60-200
IC=500mA,VCE=5V**
>30
>30
Collector Emitter Saturation Voltage
VCE(Sat)
IC=500mA,IB=50mA**
<1.0
<1.0V
Base to Emitter Voltage
VBE
IC=150mA,VCE=5V**
<1.5
<1.5V
Dynamic Characteristics
Gain Bandwidth Product
ft
IC=150mA,VCE=5V**
typ140
typ140
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
typ12
typ12
pF
CLASSIFICATION
B
CD
hFE*
CSD667
60-120
100-200
160-320
hFE*
CSD667A
60-120
100-200-
**Pulse Test
IS / IECQC 700000
IS / IECQC 750100
IS/ISO 9002
Lic# QSC/L- 000019.2
Data Sheet
Page 1 of 2


Similar Part No. - CSD667A

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSD669 CDIL-CSD669 Datasheet
92Kb / 3P
PLASTIC POWER TRANSISTORS
logo
Multicomp Pro
CSD669 MULTICOMP-CSD669 Datasheet
2Mb / 5P
Single Bipolar Transistor
23/02/24 V1.0
logo
Continental Device Indi...
CSD669A CDIL-CSD669A Datasheet
92Kb / 3P
PLASTIC POWER TRANSISTORS
More results

Similar Description - CSD667A

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
WMBTA42 WINGS-WMBTA42 Datasheet
73Kb / 1P
NPN EPITAXIAL SILICON TRANSISTORS
logo
Micro Commercial Compon...
2SC1623-L6 MCC-2SC1623-L6_11 Datasheet
340Kb / 4P
NPN Silicon Epitaxial Transistors
2SC2873-O MCC-2SC2873-O Datasheet
299Kb / 4P
NPN Silicon Epitaxial Transistors
2SC3279-L MCC-2SC3279-L Datasheet
266Kb / 3P
NPN Silicon Epitaxial Transistors
2SC4097-P MCC-2SC4097-P Datasheet
221Kb / 3P
NPN Silicon Epitaxial Transistors
KSD1616-Y MCC-KSD1616-Y Datasheet
233Kb / 2P
NPN Silicon Epitaxial Transistors
2SC1623-L5 MCC-2SC1623-L5 Datasheet
384Kb / 4P
NPN Silicon Epitaxial Transistors
2SC2411-P MCC-2SC2411-P_13 Datasheet
306Kb / 3P
NPN Silicon Epitaxial Transistors
KSD1616-Y MCC-KSD1616-Y_13 Datasheet
275Kb / 2P
NPN Silicon Epitaxial Transistors
logo
Jinan Jing Heng Electro...
TIP41C JINGHENG-TIP41C Datasheet
1Mb / 5P
NPN Epitaxial Silicon Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com