Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C.FL-R-SMT-1 Datasheet(PDF) 6 Page - Hirose Electric

Part # C.FL-R-SMT-1
Description  0.92mm mated height Low Height and Light Weight Miniature Coaxial Connectors Supporting up to 30GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

C.FL-R-SMT-1 Datasheet(HTML) 6 Page - Hirose Electric

  C.FL-R-SMT-1 Datasheet HTML 1Page - Hirose Electric C.FL-R-SMT-1 Datasheet HTML 2Page - Hirose Electric C.FL-R-SMT-1 Datasheet HTML 3Page - Hirose Electric C.FL-R-SMT-1 Datasheet HTML 4Page - Hirose Electric C.FL-R-SMT-1 Datasheet HTML 5Page - Hirose Electric C.FL-R-SMT-1 Datasheet HTML 6Page - Hirose Electric C.FL-R-SMT-1 Datasheet HTML 7Page - Hirose Electric C.FL-R-SMT-1 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
C.FL Series●0.92mm mated height Low Height and Light Weight Miniature Coaxial Connectors Supporting up to 30GHz
Extraction Side
Insertion Side
Part No.
HRS No.
RoHS2
X.FL(V)-LP-IN.OUT
331-0076-0
○
Note : The insertion and extraction tool may be deformed or damages if dropped, etc. so please handle with care.
5.6
1/4-36UNS-2A
2.92mm Identification
Groove
13.9
Part No.
HRS No.
RoHS2
C.FLP-HKJ
311-0024-0
○
Note : The mated portion of the C.FL side has a lower lock retention force than regular products so the adapter cannot be used
for purposes other than performance measurements.
Tool for mating and unmating the plug.
■Insertion and Extraction Tool
●2.92 Conversion Adapter (Mated Portion : C.FL side : Plug-2.92mm side : Jack)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com