Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C.FL-R-SMT-1 Datasheet(PDF) 3 Page - Hirose Electric

Part # C.FL-R-SMT-1
Description  0.92mm mated height Low Height and Light Weight Miniature Coaxial Connectors Supporting up to 30GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

C.FL-R-SMT-1 Datasheet(HTML) 3 Page - Hirose Electric

  C.FL-R-SMT-1 Datasheet HTML 1Page - Hirose Electric C.FL-R-SMT-1 Datasheet HTML 2Page - Hirose Electric C.FL-R-SMT-1 Datasheet HTML 3Page - Hirose Electric C.FL-R-SMT-1 Datasheet HTML 4Page - Hirose Electric C.FL-R-SMT-1 Datasheet HTML 5Page - Hirose Electric C.FL-R-SMT-1 Datasheet HTML 6Page - Hirose Electric C.FL-R-SMT-1 Datasheet HTML 7Page - Hirose Electric C.FL-R-SMT-1 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
C.FL Series●0.92mm mated height Low Height and Light Weight Miniature Coaxial Connectors Supporting up to 30GHz
■Plug
3.3
L(mm)
●Cable Harness Total Length
Standard Tolerance
Total Length L
Standard Tolerance (mm)
41
≦L≦170
±0.3
 
●Plug Product Number Structure
Refer to the charts below for determining specific part number
characteristics.
Please select connectors listed in this catalog when placing
orders and be sure to check the latest delivery specifications
at the time of ordering the product.
CFL - 2LPP - 044N「」TSH - A - L
❶❷
❸
❹
❺
❻
●C.FL-LP(P)-044 (Applicable Cable : outer diameter φ0.64mm)
■Cable Harness Specification
The dimension specifications of the C.FL Series harness are as follows.
[Connector double-ended harness]
❶Series Name C.FL
❷Harness Type
2LPP : Double-ended L-shaped plug harness
❸Cable Type
044N : Ø0.64 cable
❹Cable Color
1 : White, 2 : Black, 4 : Blue
❺Cable Outer Conductor Specifications
TSH : Tin plated coiled shield
❻Total Length (mm)
Length L (Based on mating center, Unit : mm)
Please order plug with as cabled assembly
BHigh Frequency Characteristic Data (Typical Value)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com