Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C.FL-R-SMT-1 Datasheet(PDF) 1 Page - Hirose Electric

Part # C.FL-R-SMT-1
Description  0.92mm mated height Low Height and Light Weight Miniature Coaxial Connectors Supporting up to 30GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

C.FL-R-SMT-1 Datasheet(HTML) 1 Page - Hirose Electric

  C.FL-R-SMT-1 Datasheet HTML 1Page - Hirose Electric C.FL-R-SMT-1 Datasheet HTML 2Page - Hirose Electric C.FL-R-SMT-1 Datasheet HTML 3Page - Hirose Electric C.FL-R-SMT-1 Datasheet HTML 4Page - Hirose Electric C.FL-R-SMT-1 Datasheet HTML 5Page - Hirose Electric C.FL-R-SMT-1 Datasheet HTML 6Page - Hirose Electric C.FL-R-SMT-1 Datasheet HTML 7Page - Hirose Electric C.FL-R-SMT-1 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
2022.1④
C.FL Series
NEW
■Features
1. Supports up to 30GHz
High frequency performance from DC to 30GHz. Suitable for the 28GHz band expected to be used in 5G
communications.
2. Mated Height of 0.92mm (1.0mm Max.)
Receptacle mounting area is only 3.4mm2. Using the right-angle plug enables a mated height of 0.92mm,
achieving the world's lowest class profile of coaxial connectors. (Fig.1)
3. Ultra lightweight
The world's smallest and lightest class of coaxial connectors.
Receptacle : 3.3mg
Right angle plug : 14.1mg
4. Automatic Board Placement
The embossed packaging allows for the receptacles to be automatically placed.
5. 50Ω Ultra-fine coaxial (fluorinated resin insulated) cables
Ultra-fine coaxial cables with a finished outer diameter of Ø0.64mm (single shield) allow for connection in
small, confined spaces with smooth and easy operation.
6. Tactile Lock
Clear tactile lock on small connector enables reliable mating.
7. Simple Connector Mating and Unmating
Dedicated Insertion and Extraction tools to enable proper mating/unmating.
3.3
C.FL-LP(P)-044
C.FL-R-SMT-1
Mated Condition
Fig.1
50Ω Supporting up to 30GHz
In cases where the application will demand a high level of reliability, such as automotive,
please contact a company representative for further information.


Similar Description - C.FL-R-SMT-1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1 Datasheet
386Kb / 6P
Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
logo
List of Unclassifed Man...
UFL-LP-040 ETC-UFL-LP-040 Datasheet
190Kb / 8P
Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
Hirose Electric
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1_09 Datasheet
187Kb / 6P
Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
logo
PETERMANN-TECHNIK
SMD01612 PETERMANN-SMD01612_15 Datasheet
660Kb / 4P
Ultra miniature size and light weight
logo
Hirose Electric
W-FL HIROSE-W-FL Datasheet
417Kb / 6P
Ultra Small Surface Mount Coaxial Connectors ??1.4mm Mated Height
W-FL2 HIROSE-W-FL2 Datasheet
190Kb / 6P
Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
N-FL HIROSE-N-FL Datasheet
227Kb / 6P
Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
W.FL2 HIROSE-W.FL2_17 Datasheet
347Kb / 8P
Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
N.FL HIROSE-N.FL Datasheet
265Kb / 6P
Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
WFL2 HIROSE-WFL2 Datasheet
291Kb / 8P
Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com