Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C.FL-R-SMT-190 Datasheet(PDF) 4 Page - Hirose Electric

Part # C.FL-R-SMT-190
Description  0.92mm mated height Low Height and Light Weight Miniature Coaxial Connectors Supporting up to 30GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

C.FL-R-SMT-190 Datasheet(HTML) 4 Page - Hirose Electric

  C.FL-R-SMT-190 Datasheet HTML 1Page - Hirose Electric C.FL-R-SMT-190 Datasheet HTML 2Page - Hirose Electric C.FL-R-SMT-190 Datasheet HTML 3Page - Hirose Electric C.FL-R-SMT-190 Datasheet HTML 4Page - Hirose Electric C.FL-R-SMT-190 Datasheet HTML 5Page - Hirose Electric C.FL-R-SMT-190 Datasheet HTML 6Page - Hirose Electric C.FL-R-SMT-190 Datasheet HTML 7Page - Hirose Electric C.FL-R-SMT-190 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
C.FL Series●0.92mm mated height Low Height and Light Weight Miniature Coaxial Connectors Supporting up to 30GHz
■Receptacle
Part No.
HRS No.
Packaging
RoHS2
C.FL-R-SMT-1(90)
331-2200-0 90
20,000 pieces per reel
○
Ø1.4
2
0.3
1.7
0.3
GND
GND
GND
SIG
0.43
2.6
1.4
0.5
SIG
No conductive
traces in this
area
Recommended PCB Mounting Pattern
●
Receptacle Product Number Structure
Refer to the charts below to determine specific part number characteristics.
Please select connectors listed in this catalog when placing orders and be sure to check specifications at the time
of ordering.
C.FL - R - SMT-1
❶❷
❸
❶Series Name C.FL
❷Connector Type R : Receptacle
❸Mounting Method SMT-1 : Surface Mounting
BHigh Frequency Characteristic Data (Typical Value)
●Embossed Tape Specifications
(JIS C 0806/IEC60286 Standard)
●Reel Specifications
(0.67)
(0.25)
Ø1.5
24
4
Pull Direction
SIG
9.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com