Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C.FL-R-SMT-190 Datasheet(PDF) 5 Page - Hirose Electric

Part # C.FL-R-SMT-190
Description  0.92mm mated height Low Height and Light Weight Miniature Coaxial Connectors Supporting up to 30GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

C.FL-R-SMT-190 Datasheet(HTML) 5 Page - Hirose Electric

  C.FL-R-SMT-190 Datasheet HTML 1Page - Hirose Electric C.FL-R-SMT-190 Datasheet HTML 2Page - Hirose Electric C.FL-R-SMT-190 Datasheet HTML 3Page - Hirose Electric C.FL-R-SMT-190 Datasheet HTML 4Page - Hirose Electric C.FL-R-SMT-190 Datasheet HTML 5Page - Hirose Electric C.FL-R-SMT-190 Datasheet HTML 6Page - Hirose Electric C.FL-R-SMT-190 Datasheet HTML 7Page - Hirose Electric C.FL-R-SMT-190 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
C.FL Series●0.92mm mated height Low Height and Light Weight Miniature Coaxial Connectors Supporting up to 30GHz
8HEX
M7×0.75-6H
(12.19)
5.6
2.4mm Identification
Groove
M7×0.75-6g
13.9
(11.99)
1/4-36UNS-2B
8HEX
Part No.
HRS No.
RoHS2
C.FLJ-H2.4P
311-0017-0
○
Note : The mated portion of the C.FL side has a lower lock retention force than regular products so the adapter cannot be used
for purposes other than performance measurements.
Part No.
HRS No.
RoHS2
C.FLP-H2.4J
311-0021-0
○
Note : The mated portion of the C.FL side has a lower lock retention force than regular products so the adapter cannot be used
for purposes other than performance measurements.
Part No.
HRS No.
RoHS2
C.FLJ-HKP
311-0023-0
○
Note : The mated portion of the C.FL side has a lower lock retention force than regular products so the adapter cannot be used
for purposes other than performance measurements.
●2.4mm Conversion Adapter (Mated Portion : C.FL side : Jack-2.4mm side : Plug)
●2.4mm Conversion Adapter (Mated Portion : C.FL side : Plug-2.4mm side : Jack)
●2.92 Conversion Adapter (Mated Portion : C.FL side : Jack-2.92mm side : Plug)
■Conversion Adapter



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com