Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C.FL-R-SMT-190 Datasheet(PDF) 2 Page - Hirose Electric

Part # C.FL-R-SMT-190
Description  0.92mm mated height Low Height and Light Weight Miniature Coaxial Connectors Supporting up to 30GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

C.FL-R-SMT-190 Datasheet(HTML) 2 Page - Hirose Electric

  C.FL-R-SMT-190 Datasheet HTML 1Page - Hirose Electric C.FL-R-SMT-190 Datasheet HTML 2Page - Hirose Electric C.FL-R-SMT-190 Datasheet HTML 3Page - Hirose Electric C.FL-R-SMT-190 Datasheet HTML 4Page - Hirose Electric C.FL-R-SMT-190 Datasheet HTML 5Page - Hirose Electric C.FL-R-SMT-190 Datasheet HTML 6Page - Hirose Electric C.FL-R-SMT-190 Datasheet HTML 7Page - Hirose Electric C.FL-R-SMT-190 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
C.FL Series●0.92mm mated height Low Height and Light Weight Miniature Coaxial Connectors Supporting up to 30GHz
■Product Specifications
Ratings
Nominal characteristic impedance 50
Ω
Operating Temperature
-40 to +90
℃ (90%RH Max.)
Frequency Range : DC to 30GHz
Storage Humidity Range
-20 to +70
℃ (90%RH Max.)
Item
Specifications
Conditions
1. Contact Resistance
Center : 60m
Ω Max. Exterior : 20mΩ Max.
Measured at a maximum of 10mA
2. Insulation Resistance
500
MΩ min
Measured at 100V DC
3. Withstanding Voltage
There shall be no flashover or dielectric breakdown
Apply 200V for 1 minute
4. V.S.W.R.*
1.4 Max.
DC to 15GHz
1.5 Max.
15 to 20GHz
1.6 Max.
20 to 30GHz
5. Durability
Contact Resistance Center : 65m
Ω Max.
Exterior : 25m
Ω Max.
20 mating cycles
*V.S.W.R. Measuring System
The above V.S.W.R. specification values are measured using the measurement system below.
Note 1 : The cable connector is measured with a 2.4mm conversion adapter attached to double-ended harness with an
applicable 10cm cable.
Note 2 : The board connector is measured while mounted to a 50
Ω flourine board with a 2.4mm conversion adapter attached.
■Material / Finish
Component
Material
Finish/Remarks
Right angle Plug
Shell
Phosphor bronze
Partial gold plating
Insulator
LCP resin
Black, UL94V-0
Female Central Contact
Phosphor bronze
Gold plating
Receptacle
Shell
Phosphor bronze
Gold plating
Insulator
LCP resin
Black, UL94V-0
Male Central Contact
Brass
Gold plating
Adapter
Shell
Stainless steel
Nickel Plating
Insulator
PTFE resin
―
Male Center Contact
Phosphor bronze
Gold plating
Female Central Contact
Beryllium copper
Gold plating
<Plug Harness Measurement System>
<Receptacle Measurement System>
Vector Network Analyzer
Vector Network Analyzer
APC2.4(F)
APC2.4(M)
APC2.4(F)
APC2.4(M)
D.U.T.
D.U.T.
C.FLJ-H2.4P
C.FL-LP(P)-044
100mm Double-ended Harness
C.FLJ-H2.4P
CONVERSION
ADAPTOR
Test Board
C.FL-R-SMT-1
C.FLP-H2.4J



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com