Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE812BJR Datasheet(PDF) 35 Page - STMicroelectronics

Part # STMPE812BJR
Description  S-Touch® enhanced 4-wire resistive touchscreen controller with PWM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812BJR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STMPE812BJR Datasheet HTML 31Page - STMicroelectronics STMPE812BJR Datasheet HTML 32Page - STMicroelectronics STMPE812BJR Datasheet HTML 33Page - STMicroelectronics STMPE812BJR Datasheet HTML 34Page - STMicroelectronics STMPE812BJR Datasheet HTML 35Page - STMicroelectronics STMPE812BJR Datasheet HTML 36Page - STMicroelectronics STMPE812BJR Datasheet HTML 37Page - STMicroelectronics STMPE812BJR Datasheet HTML 38Page - STMicroelectronics STMPE812BJR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
STMPE812
Touchscreen controller
Doc ID 17732 Rev 3
35/51
TSC sampling rate
TSC sampling rate register
Address:
0x43
Type:
R/W
Reset:
0x0A
Description:
Touchscreen controller sampling rate control register.
TSC_data
Touchscreen data register
Address:
0x42
Type:
R/W
Reset:
0xB0
Description:
The data format of the touchscreen controller data register depends on the setting of
“OpMode” field in the touchscreen detection configuration 2 register. The samples
acquired are accessed in “packed samples”. The size of each “packed sample”
depends on which mode the touchscreen controller is operating in.
Note:
In order to preserve the integrity of the data, it is mandatory to ensure the following:
- System host to read exactly the number of bytes according to the programmed operating
mode
- I2C host to insert a STOP condition after each data read command
Data pointer in this 1-level buffer could be reset by:
-User issued ACQ in user initiated acquisition mode. In mode ‘10’, every time sampling is
completed, it will overwrite the buffer, and reset the data pointer
7654
3
2
1
0
SAMPLING
0000
1
0
1
0
[7:0] Sampling[7:0]
Sets the sampling rate of touchscreen controller.
Sampling Time = (sampling[7:0]+1) in ms
Clock cycle = 1 µs (1 MHz RC OSC)
Sampling time = 1 ms – 256 ms
NOTE:
This is used as “TSC regular initiator signal’. As long as there remains a valid touch, every
interval of this timing, the touchscreen controller executes a complete drive/settling/multi-
sample/MAV/data calculation. It is the user’s responsibility to choose a sampling time that is
enough, based on ADC_FREQ, settling time and filter.
7654
3
2
1
0
TSC_DATA_7
TSC_DATA_6
TSC_DATA_5
TSC_DATA_4
TSC_DATA_3
TSC_DATA_2
TSC_DATA_1
TSC_DATA_0
0000
0
0
0
0
[7:0] TSC_DATA_x: Data byte from touchscreen controller.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com