Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE812BJR Datasheet(PDF) 42 Page - STMicroelectronics

Part # STMPE812BJR
Description  S-Touch® enhanced 4-wire resistive touchscreen controller with PWM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812BJR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STMPE812BJR Datasheet HTML 38Page - STMicroelectronics STMPE812BJR Datasheet HTML 39Page - STMicroelectronics STMPE812BJR Datasheet HTML 40Page - STMicroelectronics STMPE812BJR Datasheet HTML 41Page - STMicroelectronics STMPE812BJR Datasheet HTML 42Page - STMicroelectronics STMPE812BJR Datasheet HTML 43Page - STMicroelectronics STMPE812BJR Datasheet HTML 44Page - STMicroelectronics STMPE812BJR Datasheet HTML 45Page - STMicroelectronics STMPE812BJR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
Electrical specification
STMPE812
42/51
Doc ID 17732 Rev 3
Treset
Minimum RESET pulse
width
4–
–
µs
Tin
Minimum INPUT width
required for GPIO state
transition
4–
–
µs
Fosc
Internal RC OSC
frequency
VCC = 1.8 V
900
1200
1500
kHz
Fosc
Internal RC OSC
frequency
VCC = 3.3 V
900
1200
1500
kHz
Table 21.
ADC specification
Parameter
Test conditions
Min
Typ
Max
Unit
Full-scale input span
0
–
VCC
V
Absolute input range
-0.2
–
VCC+0.
2
V
Input capacitance
–
25
–
pF
Leakage current
–
0.1
–
µA
Resolution
–
12
–
Bits
No missing codes
11
–
–
Bits
Integral linearity error
–
±4
–
LSB
Offset error
–
±5
±5
LSB
Gain error
–
±14
±18
LSB
Noise
Including internal
Vref
–50
–
uVrms
Power supply rejection ratio
–
50
–
dB
Throughput rate
–
180
–
Ksamples/s
Table 22.
Switch drivers specification
Parameter
Test conditions
Min
Typ
Max
Unit
ON resistance X+, Y+
VCC =1.65-
3.6 V
–7
15
OHM
ON resistance X-, Y-
VCC =1.65-
3.6 V
–7
15
OHM
Drive current (at 5 mA limit)
VCC = 1.65 -3.6 V
X+/X- or Y+/Y-
shorted together
externally
––
10
mA
Table 20.
AC electrical characteristics (-40 °C to 85 °C)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com