Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE812BJR Datasheet(PDF) 41 Page - STMicroelectronics

Part # STMPE812BJR
Description  S-Touch® enhanced 4-wire resistive touchscreen controller with PWM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812BJR Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STMPE812BJR Datasheet HTML 37Page - STMicroelectronics STMPE812BJR Datasheet HTML 38Page - STMicroelectronics STMPE812BJR Datasheet HTML 39Page - STMicroelectronics STMPE812BJR Datasheet HTML 40Page - STMicroelectronics STMPE812BJR Datasheet HTML 41Page - STMicroelectronics STMPE812BJR Datasheet HTML 42Page - STMicroelectronics STMPE812BJR Datasheet HTML 43Page - STMicroelectronics STMPE812BJR Datasheet HTML 44Page - STMicroelectronics STMPE812BJR Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
STMPE812
Electrical specification
Doc ID 17732 Rev 3
41/51
*operating current excludes current driving the touchscreen.
13.1
DC electrical characteristics
(-40 °C to 85 °C. All GPIO complies to JEDEC standard JESD-8-7)
13.2
AC electrical characteristics
ICC max
Operating current
VCC =1.8 V
TSC running at 100 sets
of X/Y/Z per second
MAV 20 remove 4
–
870
1050
µA
ICC max
Operating current
VCC =3.3 V
TSC running at 100 sets
of X/Y/Z per second
MAV 20 remove 4
–
1190
1430
µA
ICC
suspend
Suspend current
No I2C/ADC activity
VCC = 1.8 V - 3.3 V
–0.5
1
µA
Table 18.
Power consumption (Tamb = -40 °C to 85 °C) (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Table 19.
DC electrical characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VIL
Input voltage low state
VCC = 1.65 - 3.3 V
-0.3
–
0.20 VC
C
V
VIH
Input voltage high
state
VCC = 1.65 - 3.3 V
0.80 VCC
–VCC+0.3
V
VOL
Output voltage low
state
VCC=3.3 V,
IOL =12mA
-0.3
–
0.45
V
VOH
Output voltage high
state
VCC =1.65 V,
IOH=8 mA
0.85 VCC
–VCC+0.3
V
Ileakage
All input pins except for
touchscreen I/O and
P0/P1
VCC = 1.65 V, VIN 3.6 V
–
0.1
0.5
µA
Table 20.
AC electrical characteristics (-40 °C to 85 °C)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Max
ClkI2C
I2C maximum SCLK
VCC =1.8 -3.3 V
–
–
400
KHz
MaxClkI2
C
I2C maximum SCLK
VCC = 1.8 - 3.3 V
–
–
120
KHz
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com