Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STNRGPF02TR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STNRGPF02TR
Description  2-channel interleaved PFC driver with embedded digital inrush current limiter function
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF02TR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STNRGPF02TR Datasheet HTML 10Page - STMicroelectronics STNRGPF02TR Datasheet HTML 11Page - STMicroelectronics STNRGPF02TR Datasheet HTML 12Page - STMicroelectronics STNRGPF02TR Datasheet HTML 13Page - STMicroelectronics STNRGPF02TR Datasheet HTML 14Page - STMicroelectronics STNRGPF02TR Datasheet HTML 15Page - STMicroelectronics STNRGPF02TR Datasheet HTML 16Page - STMicroelectronics STNRGPF02TR Datasheet HTML 17Page - STMicroelectronics STNRGPF02TR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
In Figure 14 the timing of start-up sequence is reported.
Figure 14. Start-Up sequence
Time
Vout
Inrush current limiter
ON
Inrush current limiter
OFF
PFC Soft Power-On
Vout_ref
Vin_pk
TINRUSH
TSTART
TBURST
Initially the device performs the function of “Inrush Current Limiter” and after the Tinrush time it stops this phase.
Sequentially it applies a short delay and at the end starts the PFC Soft Power-On procedure increasing the Vout
voltage up to the nominal voltage (Vout ref).
3.7.1
Inrush Current Limiter Function
The devices embed the Inrush Current Limiter Function. There are several topologies to perform this function but
the most used are the following:
1.
Inrush Current Limiter function with limiter resistor and bypass relay. This solution consists to insert a
resistor in series with the output capacitors. The capacitor Inrush current is limited by a resistor or a
thermistor. As soon as the capacitor is charged in STNRGPF02 set high pin 21 and this signal is used to
short resistor using the Switch S1 (See Figure 15) in order to reduce the power losses. This switch S1 can
be a silicon-based switch or mechanical contact of a relay.
Figure 15. Inrush Current Limiter function with limiter resistor and bypass relay
VAC
S1
C
R
2.
Digital Inrush Current Limiter function with a semi-controlled input bridge: Another topology uses a semi-
controlled bridge composed by two silicon switches T1, T2 (SCR, IGBT….) and two separate diodes for the
inrush path. T1, T2 are modulated ON and OFF by the controller in order to limit the peak current but this
can work if an inductor is present in series with the line. (see Figure 16)
STNRGPF02, STNRGPF12
Start-up & Inrush Current Limiter function
DS12895 - Rev 2
page 14/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com