Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STNRGPF02TR Datasheet(PDF) 25 Page - STMicroelectronics

Part # STNRGPF02TR
Description  2-channel interleaved PFC driver with embedded digital inrush current limiter function
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF02TR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STNRGPF02TR Datasheet HTML 21Page - STMicroelectronics STNRGPF02TR Datasheet HTML 22Page - STMicroelectronics STNRGPF02TR Datasheet HTML 23Page - STMicroelectronics STNRGPF02TR Datasheet HTML 24Page - STMicroelectronics STNRGPF02TR Datasheet HTML 25Page - STMicroelectronics STNRGPF02TR Datasheet HTML 26Page - STMicroelectronics STNRGPF02TR Datasheet HTML 27Page - STMicroelectronics STNRGPF02TR Datasheet HTML 28Page - STMicroelectronics STNRGPF02TR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
(Continued)
VCOUT
CVOUT: capacitance of external
capacitor (2)
at 1 MHz
470
-
3300
nF
ESR of external capacitor(1)
0.05
-
0.2
Ω
ESL of external capacitor(1)
-
-
15
nH
Θ JA
FR4 multilayer PCB
TSSOP38
-
80
-
°C/W
TA
Ambient temperature
Pd =100 mW
-40
-
105
°C
1. Internal core power supply voltage.
2. To calculate PDmax (TA), use the formula PDmax = (TJmax - TA)/ΘJA.
3. Care should be taken when the capacitor is selected due to its tolerance, its dependency on temperature, DC bias and
frequency.
Table 7. Operating conditions at power-up/power-down
Symbol
Parameter
Conditions
Min.(1)
Typ.
Max.(1)
Unit
tVDD
VDD rise time rate
2 μs/V
1 s/V(1)
VDD fall time rate
2 μs/V
1 s/V(1)
tTEMP
Reset release delay
VDD rising
3
ms
VIT+
Power-on reset threshold
2.65
2.8
2.98
V
VIT-
Brownout reset threshold
2.58
2.73
2.88
VHYS(BOR)
Brownout reset hysteresis
70
mV
1. Guaranteed by design, not tested in production.
5.3.1
VOUT external capacitor
The stabilization of the main regulator is achieved by connecting an external capacitor CVCOUT to the VCOUT pin.
CVCOUT is specified in Table 6. General operating conditions.
Care should be taken to limit the series inductance to less than 15 nH.
Figure 25. External capacitor CVOUT
5.3.2
Supply current characteristics
The STNRGPFx2 current consumption is declared based on, for example, an application where the application
firmware is loaded and running.
Table 8. Supply current characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.(1)
Unit
VDD/VDDA SECTION: current consumption
STNRGPF02, STNRGPF12
Operating conditions
DS12895 - Rev 2
page 25/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com