Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STNRGPF02TR Datasheet(PDF) 27 Page - STMicroelectronics

Part # STNRGPF02TR
Description  2-channel interleaved PFC driver with embedded digital inrush current limiter function
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF02TR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STNRGPF02TR Datasheet HTML 23Page - STMicroelectronics STNRGPF02TR Datasheet HTML 24Page - STMicroelectronics STNRGPF02TR Datasheet HTML 25Page - STMicroelectronics STNRGPF02TR Datasheet HTML 26Page - STMicroelectronics STNRGPF02TR Datasheet HTML 27Page - STMicroelectronics STNRGPF02TR Datasheet HTML 28Page - STMicroelectronics STNRGPF02TR Datasheet HTML 29Page - STMicroelectronics STNRGPF02TR Datasheet HTML 30Page - STMicroelectronics STNRGPF02TR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
Table 10. Voltage DC characteristics
Symbol
Description
Min(1)
Typ
Max(1)
Unit
VIL
Input low voltage
-0.3
-
0.3 x VDD
V
VIH
Input high voltage (2)
0.7 x VDD
-
VDD
VOL1
Output low voltage at 5 V (3)(4)
-
-
0.5
VOL3
Output low voltage high sink at 5 V (2),
(5)
-
-
0.6
VOH1
Output high voltage at 5 V (3)(4)
VDD-0.5
-
-
VOH3
Output high voltage high sink at 5 V (2),
(5)
VDD-0.6
-
-
HVS
Hysteresis input voltage (6)
0.1 x VDD
-
-
RPU
Pull-up resistor
30
45
60
kΩ
1. Data based on characterization result, not tested in production.
2. Input signals can't be exceeded VDDX (VDDX = VDD, VDDA).
3. The parameter applicable to signals on pins 14, 15, 20, 21, 22 and 23.
4. The parameter applicable to signals on pins 1, 4, 5, 8 16 and 19.
5. The parameter applicable to the signal on pin 2.
6. Applicable to pins 3, 6, 7, 17 and 18.
Table 11. Current DC characteristics
Symbol
Description
Min
Typ
Max(1)
Unit
IOL1
Standard output low level current at 5 V and VOL1(2)(3)
-
-
3
mA
IOLhs1
High sink output low level currentat 5 V and VOL3(2)(4)
-
-
7.5
IOH1
Standard output high level current at 5 V and VOH1(2)(3)
-
-
3
IOHhs1
High sink output high level current at 5 V and VOH3(2)(4)
-
-
7.5
ILKg
Input leakage current digital - analog VSS ≤ VIN ≤ VDD(5)
-
-
± 1
µA
I_Inj
Injection current (6)(7)
-
-
± 4
mA
∑I_Inj
Total injection current sum of all I/O and control pins)(6)
-
-
± 20
1. Data based on characterization result, not tested in production.
2. The parameter applicable to signals on pins 14, 15, 20, 21, 22 and 23.
3. The parameter applicable to signals on pins 1, 4, 5, 8 16 and 19.
4. The parameter applicable to the signal on pin 2.
5. Applicable to pins 3, 6, 7, 17 and 18.
6. Maximum value must never be exceeded.
7. Negative injection current on pins 31, 32, 33 and 34 must be avoided. It has impact on the measurement section.
5.3.6
Typical output level curves
This section shows the typical output voltage level curves measured on a single output pin for the three-pad
family present in the STNRGPFx2 devices.
Normal I/Os
These pads are associated with the O type pins.
STNRGPF02, STNRGPF12
Operating conditions
DS12895 - Rev 2
page 27/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com