Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-VSK.166..PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-VSK.166..PBF
Description  Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSK.166..PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-VSK.166..PBF Datasheet HTML 1Page - Vishay Siliconix VS-VSK.166..PBF Datasheet HTML 2Page - Vishay Siliconix VS-VSK.166..PBF Datasheet HTML 3Page - Vishay Siliconix VS-VSK.166..PBF Datasheet HTML 4Page - Vishay Siliconix VS-VSK.166..PBF Datasheet HTML 5Page - Vishay Siliconix VS-VSK.166..PBF Datasheet HTML 6Page - Vishay Siliconix VS-VSK.166..PBF Datasheet HTML 7Page - Vishay Siliconix VS-VSK.166..PBF Datasheet HTML 8Page - Vishay Siliconix VS-VSK.166..PBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
VS-VSK.166..PbF, VS-VSK.196..PbF, VS-VSK.236..PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 04-May-17
1
Document Number: 94357
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Standard Recovery Diodes, 165 A to 230 A
(INT-A-PAK Power Modules)
FEATURES
• High voltage
• Electrically isolated by DBC ceramic (AI2O3)
• 3500 VRMS isolating voltage
• Industrial standard package
• High surge capability
• Glass passivated chips
• Modules uses high voltage power diodes in four basic
configurations
• Simple mounting
• UL approved file E78996
• Designed and qualified for multiple level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• DC motor control and drives
• Battery chargers
• Welders
• Power converters
ELECTRICAL SPECIFICATIONS
PRIMARY CHARACTERISTICS
IF(AV)
165 A to 230 A
Type
Modules - diode, high voltage
Package
INT-A-PAK
Circuit
configuration
Single diode, two diodes common anode,
two diodes common cathode, two diodes
doubler circuit
INT-A-PAK
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VSK.166..
VSK.196..
VSK.236..
UNITS
IF(AV)
165
195
230
A
TC
100
100
100
°C
IF(RMS)
260
305
360
A
IFSM
50 Hz
4000
4750
5500
60 Hz
4200
4980
5765
I2t
50 Hz
80
113
151
kA2s
60 Hz
73
103
138
I2
t
798
1130
1516
kA2
s
VRRM
400 to 1600
V
TJ
Range
-40 to +150
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE PEAK
REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM
AT 150 °C
mA
VS-VSK.166
VS-VSK.196
VS-VSK.236
04
400
500
20
08
800
900
12
1200
1300
14
1400
1500
16
1600
1700


Similar Part No. - VS-VSK.166..PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSK.166 VISHAY-VS-VSK.166 Datasheet
281Kb / 13P
Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
04-May-17
VS-VSK.166PBF VISHAY-VS-VSK.166PBF Datasheet
282Kb / 13P
Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
29-Sep-15
VS-VSK.166PBF VISHAY-VS-VSK.166PBF Datasheet
281Kb / 13P
Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
04-May-17
More results

Similar Description - VS-VSK.166..PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKD236 VISHAY-VSKD236 Datasheet
224Kb / 11P
Standard Recovery Diodes, 165 A to 230 A (New INT-A-PAK Power Modules)
22-Apr-08
VSKD236 VISHAY-VSKD236_10 Datasheet
278Kb / 13P
Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
20-May-10
logo
Nell Semiconductor Co.,...
NKD160 NELLSEMI-NKD160 Datasheet
1Mb / 3P
Standard Recovery Diodes, 160 A (INT-A-PAK Power Modules)
NKD160S NELLSEMI-NKD160S Datasheet
2Mb / 3P
Standard Recovery Diodes, 160 A(INT-A-PAK Power Modules)
NKD200 NELLSEMI-NKD200 Datasheet
1Mb / 3P
Standard Recovery Diodes, 200 A(INT-A-PAK Power Modules)
NKD240 NELLSEMI-NKD240 Datasheet
1Mb / 3P
Standard Recovery Diodes, 240 A(INT-A-PAK Power Modules)
logo
Vishay Siliconix
VSKC166-16PBF VISHAY-VSKC166-16PBF Datasheet
237Kb / 13P
Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
30-Apr-13
VS-VSK.166PBF VISHAY-VS-VSK.166PBF Datasheet
282Kb / 13P
Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
29-Sep-15
VS-VSKD166 VISHAY-VS-VSKD166_V01 Datasheet
281Kb / 13P
Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
04-May-17
VS-VSK166PBF VISHAY-VS-VSK166PBF Datasheet
281Kb / 13P
Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
04-May-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com