Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-VSK.166..PBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-VSK.166..PBF
Description  Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSK.166..PBF Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-VSK.166..PBF Datasheet HTML 1Page - Vishay Siliconix VS-VSK.166..PBF Datasheet HTML 2Page - Vishay Siliconix VS-VSK.166..PBF Datasheet HTML 3Page - Vishay Siliconix VS-VSK.166..PBF Datasheet HTML 4Page - Vishay Siliconix VS-VSK.166..PBF Datasheet HTML 5Page - Vishay Siliconix VS-VSK.166..PBF Datasheet HTML 6Page - Vishay Siliconix VS-VSK.166..PBF Datasheet HTML 7Page - Vishay Siliconix VS-VSK.166..PBF Datasheet HTML 8Page - Vishay Siliconix VS-VSK.166..PBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
VS-VSK.166..PbF, VS-VSK.196..PbF, VS-VSK.236..PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 04-May-17
3
Document Number: 94357
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - On-State Power Loss Characteristics
Fig. 4 - On-State Power Loss Characteristics
R CONDUCTION PER JUNCTION
DEVICES
SINUSOIDAL CONDUCTION
AT TJ MAXIMUM
RECTANGULAR CONDUCTION
AT TJ MAXIMUM
UNITS
180°
120°
90°
60°
30°
180°
120°
90°
60°
30°
VSK.166
0.025
0.03
0.038
0.055
0.089
0.018
0.031
0.041
0.057
0.089
K/W
VSK.196
0.016
0.019
0.024
0.034
0.053
0.012
0.02
0.026
0.035
0.054
VSK.236
0.009
0.010
0.014
0.018
0.025
0.008
0.012
0.015
0.019
0.025
120
110
100
130
140
150
90
80
70
Average Forward Current (A)
40
80
120
160
200
0
30°
60°
90°
120°
180°
VSK.166.. Series
R
thJC (DC) = 0.20 K/W
Conduction angle
Ø
90
80
70
130
140
150
120
110
100
Average Forward Current (A)
50
100
150
200
250
300
0
DC
30°
60°
90°
120°
180°
VSK.166.. Series
R
thJC (DC) = 0.20 K/W
Ø
Conduction period
0
50
250
200
150
100
Average Forward Current (A)
80
40
120
160
200
0
RMS limit
180°
120°
90°
60°
30°
VSK.166.. Series
T
J = 150 °C
Conduction angle
Ø
0
50
200
150
100
Average Forward Current (A)
100
50
150
200
250
300
0
DC
180°
120°
90°
60°
30°
RMS limit
VSK.166.. Series
Per junction
T
J = 150 °C
Ø
Conduction period
250
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com