Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-VSK.166..PBF Datasheet(PDF) 11 Page - Vishay Siliconix

Part # VS-VSK.166..PBF
Description  Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSK.166..PBF Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button VS-VSK.166..PBF Datasheet HTML 5Page - Vishay Siliconix VS-VSK.166..PBF Datasheet HTML 6Page - Vishay Siliconix VS-VSK.166..PBF Datasheet HTML 7Page - Vishay Siliconix VS-VSK.166..PBF Datasheet HTML 8Page - Vishay Siliconix VS-VSK.166..PBF Datasheet HTML 9Page - Vishay Siliconix VS-VSK.166..PBF Datasheet HTML 10Page - Vishay Siliconix VS-VSK.166..PBF Datasheet HTML 11Page - Vishay Siliconix VS-VSK.166..PBF Datasheet HTML 12Page - Vishay Siliconix VS-VSK.166..PBF Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
VS-VSK.166..PbF, VS-VSK.196..PbF, VS-VSK.236..PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 04-May-17
11
Document Number: 94357
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CIRCUIT CONFIGURATION
CIRCUIT DESCRIPTION
CIRCUIT
CONFIGURATION CODE
CIRCUIT DRAWING
Two diodes doubler circuit
D
Two diodes common cathode
C
Two diodes common anode
J
Single diode
E
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95254
VSKD...
~-
+
-
+
~
VSKC...
+
-
-
-
+
-
VSKJ...
-
+
+
-
+
+
VSKE...
-+
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com