Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1205 Datasheet(PDF) 1 Page - STMicroelectronics

Part # T1205
Description  12 A Snubberless™, logic level and standard Triacs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1205 Datasheet(HTML) 1 Page - STMicroelectronics

  T1205 Datasheet HTML 1Page - STMicroelectronics T1205 Datasheet HTML 2Page - STMicroelectronics T1205 Datasheet HTML 3Page - STMicroelectronics T1205 Datasheet HTML 4Page - STMicroelectronics T1205 Datasheet HTML 5Page - STMicroelectronics T1205 Datasheet HTML 6Page - STMicroelectronics T1205 Datasheet HTML 7Page - STMicroelectronics T1205 Datasheet HTML 8Page - STMicroelectronics T1205 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
A2
A1
A2
D²PAK
TO-220AB
TO-220AB Ins.
A2
A1
G
G
A1
G
A2
A1
G
A2
A2
Features
•
Medium current Triac
•
Low thermal resistance with clip bonding
•
Low thermal resistance insulation ceramic for insulated BTA
•
High commutation (4Q) or very high commutation (3Q) capability
•
BTA series UL1557 certified (file ref: 81734)
•
Packages are RoHS (2011/65/EU) compliant
Description
Available either in through-hole or surface mount packages, the BTA12, BTB12 and
T12xx Triac series are suitable for general purpose mains power AC switching. They
can be used as ON/OFF function in applications such as static relays, heating
regulation or induction motor starting circuit. They are also recommended for phase
control operations in light dimmers and appliance motors speed controllers.
The Snubberless™ versions (W suffix and T12xx) are especially recommended for
use on inductive loads, because of their high commutation performance. By using an
internal ceramic pad, the Snubberless™ series provide an insulated tab (rated at
2500 VRMS) complying with UL standards (file reference: E81734).
Logic Level BTA12-600TW and BTA12-600SW offer low holding current, ideal to
design light dimmers for LED lamps.
Product status link
BTA12
BTB12
T1205
T1210
T1235
T1250
Product summary
IT(RMS)
12 A
VDRM/VRRM
600 and 800 V
IGT(Snubberless)
5 / 10 / 35 / 50 mA
IGT(standard)
25 / 50
12 A Snubberless™, logic level and standard Triacs
BTA12, BTB12, T1205
T1210, T1235, T1250
Datasheet
DS2115 - Rev 12 - February 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - T1205

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1205-600G STMICROELECTRONICS-T1205-600G Datasheet
140Kb / 12P
12 A Snubberless™ logic level and standard triacs
September 2007 Rev 9
logo
Inchange Semiconductor ...
T1205-600G ISC-T1205-600G Datasheet
292Kb / 3P
isc Triacs
logo
Advanced (Shenzhen) Ele...
T1205C-6B ADV-T1205C-6B Datasheet
316Kb / 4P
3 Q uadrants Triacs
Jun,2019 -Rev.1.02
T1205C-8B ADV-T1205C-8B Datasheet
316Kb / 4P
3 Q uadrants Triacs
Jun,2019 -Rev.1.02
T1205D-6B ADV-T1205D-6B Datasheet
286Kb / 4P
4Quadrants Triacs
Jun,2019 -Rev.1.01
More results

Similar Description - T1205

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA12 STMICROELECTRONICS-BTA12_07 Datasheet
138Kb / 12P
12 A Snubberless, logic level and standard triacs
28-Sep-2007
BTA12-700BRG STMICROELECTRONICS-BTA12-700BRG Datasheet
140Kb / 12P
12 A Snubberless™ logic level and standard triacs
28-Sep-2007
T1210T-6I STMICROELECTRONICS-T1210T-6I Datasheet
152Kb / 9P
Entry level Snubberless™, logic level and standard 12 A TRIACs
23-Mar-2009
T1205-600G STMICROELECTRONICS-T1205-600G Datasheet
140Kb / 12P
12 A Snubberless™ logic level and standard triacs
September 2007 Rev 9
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
12 A Snubberless?? logic level and standard triacs
28-Sep-2007
T1220T-6I STMICROELECTRONICS-T1220T-6I Datasheet
152Kb / 9P
Snubberless, logic level and standard 12 A Triacs
18-Jan-2010
logo
New Jersey Semi-Conduct...
BTA12 NJSEMI-BTA12 Datasheet
185Kb / 5P
12 A Snubberless?? logic level and standard triacs
logo
STMicroelectronics
T1235-600R STMICROELECTRONICS-T1235-600R Datasheet
140Kb / 12P
12 A Snubberless?? logic level and standard triacs
28-Sep-2007
T12T STMICROELECTRONICS-T12T Datasheet
193Kb / 8P
Snubberless™ logic level and standard 12 A Triacs
16-Sep-2013
BTA08 STMICROELECTRONICS-BTA08_V01 Datasheet
274Kb / 21P
Snubberless™, logic level and standard 8 A Triacs
09-Aug-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com