Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1205 Datasheet(PDF) 13 Page - STMicroelectronics

Part # T1205
Description  12 A Snubberless™, logic level and standard Triacs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1205 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button T1205 Datasheet HTML 8Page - STMicroelectronics T1205 Datasheet HTML 9Page - STMicroelectronics T1205 Datasheet HTML 10Page - STMicroelectronics T1205 Datasheet HTML 11Page - STMicroelectronics T1205 Datasheet HTML 12Page - STMicroelectronics T1205 Datasheet HTML 13Page - STMicroelectronics T1205 Datasheet HTML 14Page - STMicroelectronics T1205 Datasheet HTML 15Page - STMicroelectronics T1205 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Table 8. Product selector
Part number
Voltage (xxx)
Sensitivity
Type
Package
600
800
BTB12-600C
X
25 mA
Standard
TO-220AB
BTB12-600B
X
50 mA
Standard
TO-220AB
BTB12-600TW
X
5 mA
SnubberlessTM
TO-220AB
BTB12-600SW
X
10 mA
SnubberlessTM
TO-220AB
BTB12-xxxCW
X
X
35 mA
SnubberlessTM
TO-220AB
BTB12-600BW
X
50 mA
SnubberlessTM
TO-220AB
BTA12-600C
X
25 mA
Standard
TO-220AB Ins.
BTA12-xxxB
X
X
50 mA
Standard
TO-220AB Ins.
BTA12-600TW
X
5 mA
SnubberlessTM
TO-220AB Ins.
BTA12-xxxSW
X
X
10 mA
SnubberlessTM
TO-220AB Ins.
BTA12-xxxCW
X
X
35 mA
SnubberlessTM
TO-220AB Ins.
BTA12-xxxBW
X
X
50 mA
SnubberlessTM
TO-220AB Ins.
T1205-600G
X
5 mA
SnubberlessTM
D²PAK
T1210-6G
X
10 mA
SnubberlessTM
D²PAK
T1210-800G
X
10 mA
SnubberlessTM
D²PAK
T1235-xxxG
X
X
35 mA
SnubberlessTM
D²PAK
T1250-600G
X
50 mA
SnubberlessTM
D²PAK
BTA12, BTB12, T1205, T1210, T1235, T1250
Ordering information
DS2115 - Rev 12
page 13/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com