Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1205 Datasheet(PDF) 12 Page - STMicroelectronics

Part # T1205
Description  12 A Snubberless™, logic level and standard Triacs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1205 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button T1205 Datasheet HTML 8Page - STMicroelectronics T1205 Datasheet HTML 9Page - STMicroelectronics T1205 Datasheet HTML 10Page - STMicroelectronics T1205 Datasheet HTML 11Page - STMicroelectronics T1205 Datasheet HTML 12Page - STMicroelectronics T1205 Datasheet HTML 13Page - STMicroelectronics T1205 Datasheet HTML 14Page - STMicroelectronics T1205 Datasheet HTML 15Page - STMicroelectronics T1205 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
3
Ordering information
Figure 16. Ordering information scheme (BTA12 and BTB12 series)
BT A 12 - 600 BW RG
Triac series
Insulation
Current
Voltage
Sensitivity and type
A = insulated
B = non insulated
12 = 12A
600 = 600V
800 = 800V
B = 50 mA standard
BW = 50 mA Snubberless
C = 25 mA standard
CW = 35 mA Snubberless
SW = 10 mA logic level TW = 5 mA logic level
Packing mode
RG = Tube
Figure 17. Ordering information scheme (T12 series)
T 12 35 - 600 G (-TR)
Triac series
Sensitivity
Voltage
Package
Packing mode
Current
12 = 12 A
50 = 50 mA
35 = 35 mA
10 = 10 mA
600 or 6 = 600V
800 or 8 = 800V
G = D PAK
Blank =Tube
-TR =Tape and reel
2
BTA12, BTB12, T1205, T1210, T1235, T1250
Ordering information
DS2115 - Rev 12
page 12/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com