Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA08 Datasheet(PDF) 5 Page - STMicroelectronics

Part # BTA08
Description  Snubberless™, logic level and standard 8 A Triacs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA08 Datasheet(HTML) 5 Page - STMicroelectronics

  BTA08 Datasheet HTML 1Page - STMicroelectronics BTA08 Datasheet HTML 2Page - STMicroelectronics BTA08 Datasheet HTML 3Page - STMicroelectronics BTA08 Datasheet HTML 4Page - STMicroelectronics BTA08 Datasheet HTML 5Page - STMicroelectronics BTA08 Datasheet HTML 6Page - STMicroelectronics BTA08 Datasheet HTML 7Page - STMicroelectronics BTA08 Datasheet HTML 8Page - STMicroelectronics BTA08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Figure 5. On-state characteristics (maximum values)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
10
100
ITM(A)
VTM(V)
Tj max.
Vto = 0.85 V
Rd = 50 mΩ
Tj = Tj max.
Tj = 25 °C
Figure 6. Surge peak on-state current versus number of
cycles
0
10
20
30
40
50
60
70
80
90
1
10
100
1000
Number of cycles
I
TSM(A)
Non repetitive
Tj initial = 25 °C
Repetitive
TC = 110 °C
One cycle
t = 16.66 ms
Figure 7. Non repetitive surge peak on-state current for a
sinusoidal pulse (tp < 10 ms)
0.01
0.10
1.00
10.00
10
100
1000
t (ms)
p
T initial=25°C
j
ITSM
dI/dt limitation:
50A/µs
360°
α
ITSM(A)
Figure 8. Relative variation of gate trigger current
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
IGT,IH,IL[Tj] / IGT,IH,IL[Tj = 25 °C]
Tj (°C)
IH and IL
IGT
Holding current and latching current versus junction temperature (typical values)
Figure 9. Relative variation of critical rate of decrease of
main current versus (dV/dt)c (typical values)
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
(dl/dt)c [(dV/dt)c / specified (dl/dt)c
(dV/dt)c (V/µs)
T810/SW
TW
T835/T850/CW/SW/BW
Snubberless and logic level types
Figure 10. Relative variation of critical rate of decrease of
main current versus (dV/dt)c (typical values)
0.1
1.0
10.0
100.0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
(dl/dt)c [(dV/dt)c] / specified (dl/dt)c
(dV/dt)c (V/µs)
C
Standard types
B
BTA08, BTB08, T810, T835, T850
Characteristics (curves)
DS2114 - Rev 15
page 5/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com