Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA08 Datasheet(PDF) 20 Page - STMicroelectronics

Part # BTA08
Description  Snubberless™, logic level and standard 8 A Triacs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA08 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button BTA08 Datasheet HTML 13Page - STMicroelectronics BTA08 Datasheet HTML 14Page - STMicroelectronics BTA08 Datasheet HTML 15Page - STMicroelectronics BTA08 Datasheet HTML 16Page - STMicroelectronics BTA08 Datasheet HTML 17Page - STMicroelectronics BTA08 Datasheet HTML 18Page - STMicroelectronics BTA08 Datasheet HTML 19Page - STMicroelectronics BTA08 Datasheet HTML 20Page - STMicroelectronics BTA08 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Table 12. Document revision history
Date
Revision
Changes
Apr-2002
5A
Last update.
13-Feb-2006
6
TO-220AB delivery mode changed from bulk to tube. ECOPACK statement
added.
10-Mar-2010
7
Updated ECOPACK statement and Figure 26
02-Jun-2014
8
Updated DPAK and IPAK package information and reformatted to current
standard.
07-Nov-2016
9
Updated Table 1 and reformatted to current standard.
06-Jan-2017
10
Updated Figure 20: "Ordering information scheme (T8 series)", Table 10:
"Product selector" and Table 11: "Ordering information".
09-Feb-2017
11
Added T850 package information.
24-Apr-2017
12
Updated Figure 6..
Minor text changes to improve readability.
14-Mar-2018
13
Updated Table 2. Electrical characteristics (Tj = 25 °C, unless otherwise
specified) Snubberless and logic level (3 quadrants), cover image, Figure
9. Relative variation of critical rate of decrease of main current versus (dV/dt)c
(typical values) and Figure 20. Ordering information scheme (T8 series).
14-May-2018
14
Updated product status links.
09-Aug-2018
15
Updated Table 3. Standard (4 quadrants).
BTA08, BTB08, T810, T835, T850
DS2114 - Rev 15
page 20/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com