Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA08 Datasheet(PDF) 15 Page - STMicroelectronics

Part # BTA08
Description  Snubberless™, logic level and standard 8 A Triacs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA08 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button BTA08 Datasheet HTML 11Page - STMicroelectronics BTA08 Datasheet HTML 12Page - STMicroelectronics BTA08 Datasheet HTML 13Page - STMicroelectronics BTA08 Datasheet HTML 14Page - STMicroelectronics BTA08 Datasheet HTML 15Page - STMicroelectronics BTA08 Datasheet HTML 16Page - STMicroelectronics BTA08 Datasheet HTML 17Page - STMicroelectronics BTA08 Datasheet HTML 18Page - STMicroelectronics BTA08 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Table 9. D²PAK package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.30
4.60
0.1693
0.1811
A1
2.49
2.69
0.0980
0.1059
A2
0.03
0.23
0.0012
0.0091
A3
0.25
0.0098
b
0.70
0.93
0.0276
0.0366
b2
1.25
1.7
0.0492
0.0669
c
0.45
0.60
0.0177
0.0236
c2
1.21
1.36
0.0476
0.0535
D
8.95
9.35
0.3524
0.3681
D1
7.50
8.00
0.2953
0.3150
D2
1.30
1.70
0.0512
0.0669
e
2.54
0.1
E
10.00
10.28
0.3937
0.4047
E1
8.30
8.70
0.3268
0.3425
E2
6.85
7.25
0.2697
0.2854
G
4.88
5.28
0.1921
0.2079
H
15
15.85
0.5906
0.6240
L
1.78
2.28
0.0701
0.0898
L2
1.27
1.40
0.0500
0.0551
L3
1.40
1.75
0.0551
0.0689
R
0.40
0.0157
V2
0°
8°
0°
8°
1. Dimensions in inches are given for reference only
BTA08, BTB08, T810, T835, T850
D²PAK package information
DS2114 - Rev 15
page 15/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com