Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7475A Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7475A
Description  ELECTRO-LUMINESCENT DISPLAY DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7475A Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7475A Datasheet HTML 1Page - STMicroelectronics TDA7475A Datasheet HTML 2Page - STMicroelectronics TDA7475A Datasheet HTML 3Page - STMicroelectronics TDA7475A Datasheet HTML 4Page - STMicroelectronics TDA7475A Datasheet HTML 5Page - STMicroelectronics TDA7475A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A1
0
0.05
0.1
0
0.002
0.004
A2
3.4
3.5
3.6
0.133
0.137
0.141
A3
1.2
1.3
1.4
0.048
0.05
0.052
A4
0.15
0.2
0.25
0.006
0.007
0.01
a
0.2
0.007
b
0.27
0.35
0.43
0.011
0.013
0.017
c
0.23
0.27
0.32
0.009
0.01
0.012
D
9.4
9.5
9.6
0.37
0.374
0.377
D1
7.4
7.5
7.6
0.291
0.295
0.299
d
0.1
0.004
E (1)
13.85
14.1
14.35
0.545
0.555
0.565
E1
9.3
9.4
9.5
0.366
0.37
0.374
E2
7.3
7.4
7.5
0.287
0.291
0.295
E3
5.9
6.1
6.3
0.232
0.24
0.248
e
0.8
0.031
e1
5.6
0.22
F
0.5
0.019
G
1.2
0.047
L
0.8
0.95
1.1
0.031
0.037
0.043
R1
0.25
0.01
R2
0.8
0.031
T2
° (min.), 5° (typ.), 8° (max.)
T1
6
° (typ.)
T2
10
° (typ.)
(1) Resin protrusions not included (max value: 0.1mm per side).
PowerSO16
A3
A2
D1
E3
0.35
F
U
SEATING
PLANE
9
16
8
1
e
b
E2
d
SET DETAIL K
PSO16MEC
G
M
D
L
LM
M
a
C
e1
R1
R1
T2
T1
SEE DETAIL J
R2
E
R1
T1
T2
E1
A1
A4
C
C
Leads coplanarity
DETAIL J
SET DETAIL K
T
GAUGE PLANE
L
OUTLINE AND
MECHANICAL DATA
TDA7475A
5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com