Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7475A Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7475A
Description  ELECTRO-LUMINESCENT DISPLAY DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7475A Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7475A Datasheet HTML 1Page - STMicroelectronics TDA7475A Datasheet HTML 2Page - STMicroelectronics TDA7475A Datasheet HTML 3Page - STMicroelectronics TDA7475A Datasheet HTML 4Page - STMicroelectronics TDA7475A Datasheet HTML 5Page - STMicroelectronics TDA7475A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC(DC)
DC supply voltage
25
V
VCC(pk)
Peak supply voltage
50
V
VSB
Input voltage of VSB pin
18
V
VDM
Input voltage of VDM pin
18
V
VDC
Step up voltage
490
V
Vo(min)
Minimum Output Voltage (pin 9, 10)
-0.2
V
Topr
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +150
°C
Tj
Junction temperature
160
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth(j-c)
Thermal resistance Junction-case
Max.
3
°C/W
TAB-GND
VSB
VDC-sen
ISET-N
ISET-N
CLKC
VDM
CLKR
EL2
EL1
N.C.
VDC
GATE
PGND
VCCD
VCC
1
3
2
4
5
6
7
8
14
13
12
11
10
9
15
16
D98AU979
PIN CONNECTION
TDA7475A
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com