Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7475A Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7475A
Description  ELECTRO-LUMINESCENT DISPLAY DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7475A Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7475A Datasheet HTML 1Page - STMicroelectronics TDA7475A Datasheet HTML 2Page - STMicroelectronics TDA7475A Datasheet HTML 3Page - STMicroelectronics TDA7475A Datasheet HTML 4Page - STMicroelectronics TDA7475A Datasheet HTML 5Page - STMicroelectronics TDA7475A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS (Refer to the test and application circuit, VCC = 13.2V, Tamb =25
°C,
unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
OPERATING CONDITIONS
VCC
Operating supply voltage
10
13.2
17
V
VSB(off)
VSB(on)
Input voltage of VSB pin
VSB:L
VSB:H
0
3.5
1.5
VCC
V
V
ISB1(on)
ISB2(on)
Input current of VSB pin
VSB =5V
VCC = 14.4V, VSB = 14.4V
10
200
µA
µA
VDM(off)
VDM(on)
Input voltage VDM pin
VDM: L (Normal)
VDM: H (Dimmer)
0
3.5
1.5
VCC
V
V
IDM1(on)
IDM2(on)
Input current of VDM pin
VDM =5V
VCC = 14.4V, VDM = 14.4V
10
200
µA
µA
STEP UP VOLT AGE
VDC-N1
VDC voltage
VDM:L (Normal)
440
460
480
V
VDC-N2
VDM: H (Dimmed)
400
420
445
V
EL OUTPUT BLOCK
ICP-N1
EL charge current
VDM:L (Normal)
14.5
17.5
mA
ICP-N4
VCC = 10V
14.5
17.5
mA
ICP-N5
VCC = 17V
14.5
17.5
mA
ICP-D1
VDM:H (Dimmer)
9
11
mA
N1/P1-N
ICN1-N to ICP1-N ratio
VDM:L (Normal)
2.05
2.45
2.7
—
N2/P2-N
ICN2-N to ICP2-N ratio
2.05
2.45
2.7
—
N1/P1-D
ICN1-D to ICP1-D ratio
VDM:H (Dimmer)
2.05
2.45
2.7
—
N2/P2-D
ICN2-D to ICP2-D ratio
2.05
2.45
2.7
—
TON
Output time of ICP
118
125
132
µs
fEL
EL switching frequency
900
1000
1100
Hz
VDIF
VDC-VEL(peak)
CEL: 4nF
2.5
5
V
VEL-G
VEL of GND side voltage
When EL charge
2.5
5
V
OSCILLATION CIRCUIT
fCLK
Internal oscillation frequency
29
32
35
kHz
GATE CONTROL CIRCUIT
Duty
Switching FET on-time
maximum ratio
70
75
80
%
Vg-on
High voltage for external
switching FET on
10
11.8
VCC-0.5
V
Vg-off
Low voltage for external
switching FET on
1.5
V
TDA7475A
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com